Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOII4SM6600A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOII4SM6600A
Description  6.6 Megapixel CMOS Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOII4SM6600A Datasheet(HTML) 1 Page - ON Semiconductor

  NOII4SM6600A Datasheet HTML 1Page - ON Semiconductor NOII4SM6600A Datasheet HTML 2Page - ON Semiconductor NOII4SM6600A Datasheet HTML 3Page - ON Semiconductor NOII4SM6600A Datasheet HTML 4Page - ON Semiconductor NOII4SM6600A Datasheet HTML 5Page - ON Semiconductor NOII4SM6600A Datasheet HTML 6Page - ON Semiconductor NOII4SM6600A Datasheet HTML 7Page - ON Semiconductor NOII4SM6600A Datasheet HTML 8Page - ON Semiconductor NOII4SM6600A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2016 − Rev. 15
1
Publication Order Number:
NOII4SM6600A/D
NOII4SM6600A
6.6 Megapixel CMOS Image
Sensor
Features
2210 (H) x 3002 (V) Active Pixels
3.5 mm x 3.5 mm Square Pixels
1 inch Optical Format
Monochrome Output
Frame Rate:
5 fps for Active Window of 2210 x 3002
89 fps for Active Window of 640 x 480
High Dynamic Range Modes: Double Slope, Non Destructive
Read out (NDR)
Electronic Rolling Shutter
Master Clock: 40 MHz
Single 2.5 V Supply
3.3 V Supply for Extended Dynamic Range
−30°C to +65°C Operational Temperature Range
68-Pin LCC Package
Power Dissipation: 225 mW
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Biometry
Document Scanning
Description
The IBIS4-6600 is a solid-state CMOS image sensor that integrates complete analog image acquisition, and a digitizer and
digital signal processing system on a single chip. This image sensor has a resolution of 6.6 MPixel with 2210 x 3002 active
pixels. The image size is fully programmable for user-defined windows. The pixels are on a 3.5
mm pitch.
The user programmable row and column start and stop positions enable windowing down to 2x1 pixel window for digital
zoom. Subsampling reduces resolution while maintaining the constant field of view. The analog video output of the pixel
array is processed by an on-chip analog signal pipeline. Double Sampling (DS) eliminates the fixed pattern noise.
The programmable gain and offset amplifier maps the signal swing to the ADC input range. A 10-bit ADC converts the
analog data to a 10-bit digital word stream. The sensor uses a three-wire Serial-Parallel (SPI) interface. It operates with a
single 2.5 V power supply and requires only one master clock for operation up to 40 MHz. It is housed in a 68-pin ceramic
LCC package.
This data sheet enables the development of a camera system, based on the described timing and interfacing given in the
following sections.
ORDERING INFORMATION
Marketing Part Number
Description
Package
NOII4SM6600A-QDC
Mono with Glass
68 pin LCC
NOTE: For more information, see Ordering Code Definition on page 29.
www.onsemi.com
Figure 1. IBIS4−6600 Image Sensor


Similar Part No. - NOII4SM6600A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results

Similar Description - NOII4SM6600A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
   IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
Cypress Semiconductor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
   IBIS5 1.3 Megapixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com