Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS0142AT Datasheet(PDF) 41 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 37Page - ON Semiconductor AS0142AT Datasheet HTML 38Page - ON Semiconductor AS0142AT Datasheet HTML 39Page - ON Semiconductor AS0142AT Datasheet HTML 40Page - ON Semiconductor AS0142AT Datasheet HTML 41Page - ON Semiconductor AS0142AT Datasheet HTML 42Page - ON Semiconductor AS0142AT Datasheet HTML 43Page - ON Semiconductor AS0142AT Datasheet HTML 44Page - ON Semiconductor AS0142AT Datasheet HTML 45Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AS0142AT
www.onsemi.com
41
STANDBY AND INRUSH CURRENT (INTERNAL REGULATOR MODE)
Table 31. STANDBY CURRENT CONSUMPTION
Default Setup Conditions: fEXTCLK = 27 MHz, REG_1V8 = 1.8 V; VDD_1V8 = 1.8 V, OTPM_2V8 = 2.8 V, PHY_2V8 = 2.8 V, PHY_1V8 =
1.8 V, VAA_2V8 = 2.8 V, 1V8/2V8/3V3_IO = 2.8 V, 1V8_IO = 1.8 V, TA = 105°C
Parameter/ Supply
Condition
Typ
Max
Unit
1V8/2V8/3V3_IO
TBD
TBD
mA
1V8_IO
TBD
TBD
mA
2V8_PHY
TBD
TBD
mA
1V8_PHY
TBD
TBD
mA
OTPM_2V8
TBD
TBD
mA
VAA_2V8
TBD
TBD
mA
REG_1V8
TBD
TBD
mA
VDD_1V8
TBD
TBD
mA
Total standby current when asserting the STANDBY signal
TBD
TBD
mA
TBD
TBD
mW
Table 32. INRUSH CURRENT
Supply
Voltage
Max
Unit
1V8/2V8/3V3_IO
1.8/2.8/3.3
TBD
mA
1V8_IO
1.8
TBD
mA
2V8_PHY
2.8
TBD
mA
1V8_PHY
1.8
TBD
mA
OTPM_2V8
2.8
TBD
mA
VAA_2V8
2.8
TBD
mA
REG_1V8
1.8
TBD
mA
VDD_1V8
1.8
TBD
mA
OPERATING CURRENT (INTERNAL REGULATOR MODE)
Table 33. OPERATING CURRENT CONSUMPTION − STE AND OVERLAY BOTH ON
Default Setup Conditions: fEXTCLK = 27 MHz, REG_1V8 = 1.8V, VDD_1V8=1.8V, VAA_2V8 = 2.8 V, OTPM_2V8 = 2.8V, 2V8_PHY = 2.8 V,
1V8_PHY = 1.8V, 1V8/2V8/3V3_IO and 1V8_IO not included in measurement; TA = 105°C unless otherwise stated
Symbol
Input Data from Sensor
Min
Typ
Max
Unit
REG_1V8
Parallel
TBD
TBD
mA
VDD_1V8
Parallel
TBD
TBD
mA
VAA_2V8
Parallel
TBD
TBD
mA
OTPM_2V8
Parallel
TBD
TBD
mA
2V8_PHY
Parallel
TBD
TBD
mA
1V8_PHY
Parallel
TBD
TBD
mA
Total Power Consumption
Parallel
TBD
TBD
mW


Similar Part No. - AS0142AT

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Purdy Electronics Corpo...
AS01006-390T PURDY-AS01006-390T Datasheet
97Kb / 1P
   Right Angle Socket Rotary DIP Switches
logo
PUI audio inc.
AS01008MR-2-R PUIAUDIO-AS01008MR-2-R Datasheet
777Kb / 3P
   10mm diameter speaker with Neodymium magnet for 86 dB sensitivity
logo
Advanced Technical Mate...
AS013-10-1 ATM-AS013-10-1 Datasheet
32Kb / 1P
   OUTLINE, ROTARY STEP ATTENUATOR
More results

Similar Description - AS0142AT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
Sharp Corporation
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
   Digital Signal Processor for CIF CMOS Image Cameras
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
   Digital Signal Processor For VGA/CIF CMOS Image Sensors
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com