Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVCH16260 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74ALVCH16260
Description  3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16260 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74ALVCH16260 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH16260 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH16260
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH
SSOP/ TSSOP
TOP VIEW
PIN CONFIGURATION
OEA
2
B3
GND
2
B2
2
B1
VCC
A1
A2
GND
A3
A4
A5
A6
A8
A9
GND
A10
A11
A12
VCC
1
B1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
49
50
51
52
53
54
55
56
1
OE2B
2
B4
GND
2
B5
2
B6
VCC
2
B7
2
B8
2
B9
2
B10
2
B11
2
B12
GND
1
B11
1
B10
1
B9
1
B8
GND
1
B7
1
B6
1
B5
GND
1
B3
LE2B
SEL
25
26
27
28
32
31
30
29
GND
1
B4
LEA1B
OE1B
A7
1
B2
VCC
1
B12
LE1B
LEA2B
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
CI/O
I/O Port Capacitance
VIN = 0V
7
9
pF
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
CAPACITANCE (TA= +25°C, F = 1.0MHz)
FUNCTION TABLES(1)
Inputs
Output
1Bx
2Bx
SEL
LE1B
LE2B
OEA
Ax
HX
H
H
X
L
H
LX
H
H
X
L
L
XX
H
L
X
L
A
0
(2)
XH
L
X
H
L
H
XL
L
X
H
L
L
XX
L
X
L
L
A
0
(2)
XXX
X
X
H
Z
B-TO-A (OEB = H)


Similar Part No. - IDT74ALVCH16260

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16260 RENESAS-IDT74ALVCH16260 Datasheet
244Kb / 8P
   3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
More results

Similar Description - IDT74ALVCH16260

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16260 RENESAS-IDT74ALVCH16260 Datasheet
244Kb / 8P
   3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI1-SN74ALVCH16260_08 Datasheet
348Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH32373 IDT-IDT74ALVCH32373 Datasheet
116Kb / 7P
   3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com