Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP0115CAC1BC-C2 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FP0115CAC1BC-C2
Description  Distinctive Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FP0115CAC1BC-C2 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  FP0115CAC1BC-C2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1BC-C2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1BC-C2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1BC-C2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series FP01
Contactless Pushbuttons
D7
D
www.nkkswitches.com
ACTUATOR COLORS
B
White
C
Red
D
Amber
F
Green
(1.5)
.059
(5.0)
.197
(5.3)
.209
(21.4)
.843
(2.3)
.091
NKK P/N
This Side
TYPICAL SWITCH DIMENSIONS
FP0115CAC1FF
(19.6) Dia
.772
(26.0) Dia
1.024
65432 1
(22.8) Dia
.898
Terminal Connector Detail
Pin 1
(22.9) Dia
.902
(25.1)
.988
(1.1)R Typ
.043
Recommended Panel
Thickness Range:
.098” ~ .197”
(2.5mm ~ 5.0mm)
AT022
Unassembled Connector
and Pins
CONNECTOR OPTIONS
C2
AT021
Assembled Connector
with Wire Leads
C3
No Code
No Connector
Recommended connector
for assembly:
JST model number ZHR-6
Recommended crimp
connector pins:
JST model SZH-002T-P0.5
for 28-26AWG wire leads
or SZH-003T-P0.5 for
32-28AWG wire leads.
1 connector and 8 crimp connector pins
only (no wire leads provided).
Matching wire leads: 28-26AWG
Connector body: JST model ZHR-6
Crimp connector pins: JST model SZH-002T-P0.5
Wire leads: 28-26AWG; 12-inch, unstripped;
Blue for Pin 1
LEGENDS
Shaded area is printable area.
NKK Switches can provide custom legends for caps. Contact factory for more information.
Recommended Methods:
Screen Print on cap.
Epoxy based ink is recommended.
Suggested Printable Area for FP01 Cap
(16.56) Dia
.475
(19.6) Dia
.772
(1.52) Typ
.060


Similar Part No. - FP0115CAC1BC-C2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1BC-C2 ETC2-FP0115CAC1BC-C2 Datasheet
347Kb / 4P
   Distinctive Characteristics
More results

Similar Description - FP0115CAC1BC-C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com