Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39436-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39436-12
Description  SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39436-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39436-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39436-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39436-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39436-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE39436
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39436-12 = 12 inches long cable
PE39436-100cm = 100 cm long cable
SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with
HeatShrink, LF Solder, RoHS from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using
PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS PE39436-12
URL:
https://www.pasternack.com/sma-female-mmcx-plug-pe-sr405flj-cable-assembly-pe39436-12-p.aspx
PE39436-12 REV 1.3
RF Cable Assemblies Technical Data Sheet
SMA Female Bulkhead to MMCX Plug Right Angle Semi-
Flexible Cable 12 Inch Length Using PE-SR405FLJ
Coax with HeatShrink, LF Solder, RoHS
PE39436-12


Similar Part No. - PE39436-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39436-18 PASTERNACK-PE39436-18 Datasheet
408Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 18 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
More results

Similar Description - PE39436-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39436-6 PASTERNACK-PE39436-6 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39436-9 PASTERNACK-PE39436-9 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39436-24 PASTERNACK-PE39436-24 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 24 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39436-18 PASTERNACK-PE39436-18 Datasheet
408Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 18 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-12 PASTERNACK-PE39492-12 Datasheet
404Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-6 PASTERNACK-PE39492-6 Datasheet
405Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-9 PASTERNACK-PE39492-9 Datasheet
404Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-18 PASTERNACK-PE39492-18 Datasheet
405Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 18 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39564-12 PASTERNACK-PE39564-12 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-6 PASTERNACK-PE39564-6 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com