Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2392PW Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2392PW
Description  FULL-FEATURED -48-V HOT SWAP POWER MANAGER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2392PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2392PW Datasheet HTML 16Page - Texas Instruments TPS2392PW Datasheet HTML 17Page - Texas Instruments TPS2392PW Datasheet HTML 18Page - Texas Instruments TPS2392PW Datasheet HTML 19Page - Texas Instruments TPS2392PW Datasheet HTML 20Page - Texas Instruments TPS2392PW Datasheet HTML 21Page - Texas Instruments TPS2392PW Datasheet HTML 22Page - Texas Instruments TPS2392PW Datasheet HTML 23Page - Texas Instruments TPS2392PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
20
APPLICATION INFORMATION
setting the sense resistor value
Due to the current−limiting action of the internal LCA, the maximum allowable load current for an implementation
is easily programmed by selecting the appropriate sense resistor value. The LCA acts to limit the sense voltage
VI(ISENS) to its internal reference. Once the voltage at the IRAMP pin exceeds approximately 4 V, this limit is
the clamp voltage, VREF_K. Therefore, a maximum sense resistor value can be determined from equation (1).
R
SENSE v
33 mV
IMAX
where:
D RSENSE is the resistor value
D IMAX is the desired current limit
When setting the sense resistor value, it is important to consider two factors, the minimum current that may
be imposed by the TPS2392 or TPS2393, and the maximum load under normal operation of the module. For
the first factor, the specification minimum clamp value is used, as seen in equation (1). This method accounts
for the tolerance in the sourced current limit below the typical level expected (40 mV/RSENSE). (The clamp
measurement includes LCA input offset voltage; therefore, this offset does not have to be factored into the
current limit again.) Second, if the load current varies over a range of values under normal operating conditions,
then the maximum load level must be allowed for by the value of RSENSE. One example of this is when the load
is a switching converter, or brick, which draws higher input current, for a given power output, when the
distribution bus is at the low end of its operating range, with decreasing draw at higher supply voltages. To avoid
current-limit operation under normal loading, some margin should be designed in between this maximum
anticipated load and the minimum current limit level, or IMAX > ILOAD(max), for equation (1).
For example, using a 20-m
Ω sense resistor for a nominal 1-A load application provides a minimum of 650 mA
of overhead for load variance/margin. Typical bulk capacitor charging current during turn-on ia 2 A
(40 mV/20 m
Ω).
setting the inrush slew rate
The TPS2392/93 devices enable user-programming of the maximum current slew rate during load start-up
events. A capacitor tied to the IRAMP pin (C1 in the typical application diagram) controls the di/dt rate. Once
the sense resistor value has been established, a value for ramp capacitor CIRAMP, in microfarads, can be
determined from equation (2).
C
IRAMP +
11
100
R
SENSE
di
dt MAX
where:
D RSENSE is the sense resistor value in Ω
D (di/dt)MAX is the desired maximum slew rate in A/s
For example, if the desired slew rate for the typical application shown is 1500 mA/mS, the calculated value for
CIRAMP is about 3700 pF. Selecting the next larger standard value of 3900 pF (as shown in the diagram) provides
some margin for capacitor and sense resistor tolerances.
As described in the Detailed Description section of this datasheet, the TPS2392 and TPS2393 initiate ramp
capacitor charging, and consequently, load current di/dt at a reduced rate. This reduced rate applies until the
voltage on the IRAMP pin is about 0.5 V. The maximum di/dt rate, as set by equation (2), is effective once the
device has switched to the 10-
µA charging source.
(1)
(2)


Similar Part No. - TPS2392PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392PW TI-TPS2392PW Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2392PWG4 TI-TPS2392PWG4 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2392PWR TI-TPS2392PWR Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2392PWRG4 TI-TPS2392PWRG4 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
More results

Similar Description - TPS2392PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392 TI-TPS2392_07 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com