Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2393 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2393
Description  FULL-FEATURED -48-V HOT SWAP POWER MANAGER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2393 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS2393 Datasheet HTML 22Page - Texas Instruments TPS2393 Datasheet HTML 23Page - Texas Instruments TPS2393 Datasheet HTML 24Page - Texas Instruments TPS2393 Datasheet HTML 25Page - Texas Instruments TPS2393 Datasheet HTML 26Page - Texas Instruments TPS2393 Datasheet HTML 27Page - Texas Instruments TPS2393 Datasheet HTML 28Page - Texas Instruments TPS2393 Datasheet HTML 29Page - Texas Instruments TPS2393 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
26
MECHANICAL DATA
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°−8°
NOTES:A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.


Similar Part No. - TPS2393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2393A TI-TPS2393A Datasheet
614Kb / 29P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
TPS2393A TI1-TPS2393A Datasheet
824Kb / 31P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
TPS2393APW TI1-TPS2393APW Datasheet
824Kb / 31P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
TPS2393APWG4 TI1-TPS2393APWG4 Datasheet
824Kb / 31P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
More results

Similar Description - TPS2393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392 TI-TPS2392_07 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com