Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8DP1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8DP1001
Description  RF Diplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8DP1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8DP1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8DP1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8DP1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Configuration
Design
Bidirectional
Number of Sections
Package Style
Connectorized
Connector 1
F Female
Connector 2
F Female
Connector 3
F Female
Mechanical Specification Notes:
EN 50083-2 Class A Standard
Environmental Specifications
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
75 Ohm Diplexer F Female with 5 MHz to 390 MHz Low Pass and 650 MHz to 1,000 MHz High Pass from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Diplexer F Female with 5 MHz to 390 MHz Low Pass and 650 MHz to 1,000 MHz High
Pass PE8DP1001
URL: http://www.pasternack.com/75-ohm-diplexer-f-female-5-390-mhz-650-1000-mhz-pe8dp1001-p.aspx
PE8DP1001 REV 1.0
75 Ohm Diplexer F Female with 5 MHz to 390 MHz
Low Pass and 650 MHz to 1,000 MHz High Pass
RF Diplexers - PE8DP1001


Similar Part No. - PE8DP1001

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE80 EDI-PE80 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Pasternack Enterprises,...
PE8000-50 PASTERNACK-PE8000-50 Datasheet
447Kb / 3P
   Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
PE8000-75 PASTERNACK-PE8000-75 Datasheet
113Kb / 1P
   75 OHM BNC MALE TO OHM BNC FEMALE DETECTOR, FREQUENCY RANGE:100 KHz=1,000 MHz
PE8001 PASTERNACK-PE8001 Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE8001-P PASTERNACK-PE8001-P Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
More results

Similar Description - PE8DP1001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD2H829MMQ1D571 MURATA-LFD2H829MMQ1D571 Datasheet
161Kb / 2P
   LC Diplexers
LFD152G45MU5D935 MURATA-LFD152G45MU5D935 Datasheet
162Kb / 2P
   LC Diplexers
LFD212G45MJ7R816 MURATA-LFD212G45MJ7R816 Datasheet
167Kb / 2P
   LC Diplexers
LFD21829MDKDD804 MURATA-LFD21829MDKDD804 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DP3B888 MURATA-LFD182G45DP3B888 Datasheet
268Kb / 3P
   LC Diplexers
LFD182G45MJ6D431 MURATA-LFD182G45MJ6D431 Datasheet
167Kb / 2P
   LC Diplexers
LFD2H796MMQ1D596 MURATA-LFD2H796MMQ1D596 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DCJD247 MURATA-LFD182G45DCJD247 Datasheet
167Kb / 2P
   LC Diplexers
LFD18892MDPSD302 MURATA-LFD18892MDPSD302 Datasheet
162Kb / 2P
   LC Diplexers
logo
Taiyo Yuden (U.S.A.), I...
TSD1N18B829MLV0D4T TAIYO-YUDEN-TSD1N18B829MLV0D4T Datasheet
305Kb / 2P
   nullMultilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com