Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA20H8994M-E01 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA20H8994M-E01
Description  896-902/ 935-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA20H8994M-E01 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA20H8994M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8994M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI RF POWER MODULE
RA 20H8994 M
RA20H8994M
MITSUBISHI ELECTRIC
25 April 2003
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTLINE DRAWING (mm)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
12.0 ±1
16.5 ±1
43.5 ±1
55.5 ±1
66.0 ±0.5
60.0 ±0.5
51.5 ±0.5
3.0 ±0.3
7.25 ±0.8
2-R2 ±0.5
Ø0.45 ±0.15
5
1
2
3
4
(50.4)


Similar Part No. - RA20H8994M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8994M-101 MITSUBISHI-RA20H8994M-101 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M-101 MITSUBISHI-RA20H8994M-101 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA20H8994M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760HC MITSUBISHI-M67760HC Datasheet
31Kb / 2P
   896-941MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_10 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_11 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
178Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com