Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2841EBC-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2841EBC-T
Description  5GHz Linear Power Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2841EBC-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2841EBC-T Datasheet HTML 1Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 2Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX2841EBC-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5GHz Linear Power Amplifiers
6
_______________________________________________________________________________________
Detailed Description
The MAX2840/MAX2841 linear power amplifiers (PAs)
are intended for 5GHz to 6GHz band applications. The
PAs are fully characterized in the 5.15GHz to 5.35GHz
band. The PAs consist of two driver stages and an out-
put stage. The ICs also feature an integrated power
detector and power shutdown mode.
Dynamic Power Control
The MAX2840/MAX2841 are designed to provide opti-
mum power-added efficiency (PAE) in both high- and
low-power applications. For a +3.3V supply at high-out-
put power level, the output power is typically +18dBm
(MAX2841) with an idle current of 165mA, or +15dBm
(MAX2840) with an idle current of 120mA. At low-output
power levels, the DC current can be reduced by an
external DAC to improve PAE while maintaining suffi-
cient ACPR performance. This is achieved by using
external resistors connected to the BIAS pin to set the
bias currents of the driver and output stages. See the
Typical Application Circuit for resistor values. Typically,
a DAC voltage of 1.9V gives a 260mA bias current for
the MAX2841, a DAC voltage of 1.6V gives a 155mA
bias current for the MAX2840. Increasing the DAC volt-
age decreases the idle current. Similarly, decreasing
the DAC voltage increases the idle current. Users can
set the desired idle current using only two off-chip 1%
resistors: a shunt resistor (R2) from BIAS to ground and
a series resistor (R1) to the DAC voltage, as shown in
the Typical Application Circuit. Resistor values R1 and
R2 are determined as follows:
[Equation 1]
VMAX = 1.2 (R1 + R2) / R2;
(ICC = 0, VDAC = VMAX)
[Equation 2]
IMAX = PART 1.2 / 2000 + (R1 R2) / (R1 + R2);
(ICC = IMAX = max value, VDAC = 0)
[Equation 3]
IDAC = (VDAC - 0.82) / R1
[Equation 4]
IMID = PART 1.2 / (2000 + R2);
(VDAC = floating)
[Equation 5]
ICC = PART IBIAS
where:
VMAX
= maximum DAC voltage
IMAX
= maximum idle current
IMID
= idle current with VDAC = floating
VDAC
= DAC voltage
IDAC
= DAC current
PART
= 1000 for MAX2840, 1600 for MAX2841
If no DAC is used and a constant idle current is
desired, use Equation 4 to determine the resistor values
for a given total bias current. Only R2 is required.
For a DAC capable of sourcing and sinking currents,
the full voltage range of the DAC (typically from 0 to
+3V) can be used. By substituting the desired values of
VMAX and IMAX into Equations 1 and 2, R1 and R2 can
be easily calculated.
For a DAC capable of sourcing current only, use
Equation 4 to determine the value of resistor R2 for the
desired maximum current. Use Equation 1 to determine
the value of resistor R1 for the desired minimum current.
Pin Description
PIN
NAME
DESCRIPTION
A1
SHDN
Shutdown Input. Drive logic low to place the PA in shutdown mode; drive logic high for normal
operation.
A2, A4, C2,
C4
GND
Ground. Requires a good connection to the circuit board ground plane with multiple vias for lowest
possible inductance and lowest thermal resistance.
A3
VCC
DC Supply Voltage. Requires external RF bypass capacitor to ground.
B2
RF_IN
Power Amplifier Input. Requires external DC-blocking capacitor.
B4
RF_OUT
Power Amplifier Output. Requires external DC-blocking capacitor and pullup inductor.
C1
BIAS
Bias Control. Connect two external resistors and DAC block to adjust the bias current.
C3
P_DET
Power Detector Output. This output is a DC voltage indicating the PA output power.


Similar Part No. - MAX2841EBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX280 MAXIM-MAX280 Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX280 MAXIM-MAX280 Datasheet
7Mb / 12P
   5 TH ORDER ZERO DC ERROR LOW PASS FILTER
Rev 3; 8/95
MAX280-MXL1062 MAXIM-MAX280-MXL1062 Datasheet
7Mb / 12P
   5 TH ORDER ZERO DC ERROR LOW PASS FILTER
Rev 3; 8/95
MAX280CPA MAXIM-MAX280CPA Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX280CWE MAXIM-MAX280CWE Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
More results

Similar Description - MAX2841EBC-T

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
   3.3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
   3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
logo
Advanced Power Technolo...
BYI-1 ADPOW-BYI-1 Datasheet
174Kb / 1P
   BYISTORS FOR LINEAR POWER AMPLIFIERS
logo
Microsemi Corporation
BYI-1 MICROSEMI-BYI-1 Datasheet
279Kb / 2P
   BYISTOR FOR LINEAR POWER AMPLIFIERS
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com