Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM5100-AS-TG Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # PFM5100-AS-TG
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM5100-AS-TG Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  PFM5100-AS-TG Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM5100-AS-TG Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFM5100-AS-TG Datasheet HTML 3Page - PACELEADER INDUSTRIAL PFM5100-AS-TG Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pinning information
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Suggested solder pad layout
1
2
Marking
Type number
Marking code
PFM540-AS
-TG
SS54
PFM560-AS
-TG
SS56
PFM5100-AS
-TG
S510
2
1
Dimensions in inches and (millimeters)
A
C
B
B
0.059 (1.50)
A
0.063 (1.60)
C
0.110 (2.80)
PACKAGE
SMA-S
Reel packing
SMA-S
2,000
4.0
20,000
183*170*183
178
382*356*387
160,000
15.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
7"
13"
7,500
4.0
15,000
337*337*37
330
350*330*360
120,000
14.2
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V
PFM5 4 0-AS THRU PFM5 100-AS
3
www.paceleader.tw
Note: AS: Package code, SMA-S
-T: Taping Reel
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - PFM5100-AS-TG

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM500V-NS PACELEADER-PFM500V-NS Datasheet
240Kb / 2P
   SURFACE MOUNT SMALL SIGNAL TYPE
PFM501V-NS PACELEADER-PFM501V-NS Datasheet
224Kb / 2P
   SURFACE MOUNT SMALL SIGNAL TYPE
logo
Semtech Corporation
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
PFM50A/PFM75A SEMTECH-PFM50A/PFM75A Datasheet
94Kb / 3P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
More results

Similar Description - PFM5100-AS-TG

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
SB05T200L BYTESONIC-SB05T200L Datasheet
796Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifiers
SB05T100L BYTESONIC-SB05T100L Datasheet
796Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifiers
SB05T150L BYTESONIC-SB05T150L Datasheet
795Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SR57 MOSPEC-SR57 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
SeCoS Halbleitertechnol...
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
   Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Gulf Semiconductor
SB510 GULFSEMI-SB510 Datasheet
144Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
   2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com