Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM380-AS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PFM380-AS
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM380-AS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PFM380-AS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM380-AS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
T =75 C
J
T =25 C
J
T =25 C
J
LEAD TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
2
www.paceleader.tw
PFM320-AS THRU PFM3200-AS
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V


Similar Part No. - PFM380-AS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM380-MT PACELEADER-PFM380-MT Datasheet
388Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results

Similar Description - PFM380-AS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK32A WILLAS-SK32A Datasheet
812Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE
logo
PACELEADER INDUSTRIAL
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
WILLAS ELECTRONIC CORP
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com