Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRGIB6B60KD Datasheet(PDF) 1 Page - International Rectifier

Part No. IRGIB6B60KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRGIB6B60KD Datasheet(HTML) 1 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
4/14/04
• Low VCE (on) Non Punch Through IGBT Technology.
• Low Diode VF.
• 10µs Short Circuit Capability.
• Square RBSOA.
• Ultrasoft Diode Reverse Recovery Characteristics.
• Positive VCE (on) Temperature Coefficient.
Benefits
www.irf.com
1
• Benchmark Efficiency for Motor Control.
• Rugged Transient Performance.
• Low EMI.
• Excellent Current Sharing in Parallel Operation.
IRGIB6B60KD
E
G
n-channel
C
VCES = 600V
IC = 6.0A, TC=90°C
tsc > 10µs, TJ=175°C
VCE(on) typ. = 1.8V
TO-220
Full-Pak
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
11
IC @ TC = 100°C
Continuous Collector Current
7.0
A
ICM
Pulse Collector Current (Ref.Fig.C.T.5)
22
ILM
Clamped Inductive Load current
c
22
IF @ TC = 25°C
Diode Continuous Forward Current
9.0
IF @ TC = 100°C
Diode Continuous Forward Current
6.0
IFM
Diode Maximum Forward Current
18
VISOL
RMS Isolation Voltage, Terminal to Case, t = 1 min
2500
V
VGE
Gate-to-Emitter Voltage
±20
PD @ TC = 25°C
Maximum Power Dissipation
38
W
PD @ TC = 100°C Maximum Power Dissipation
19
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
°C
Soldering Temperature for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf.in (1.1N.m)
Thermal / Mechanical Characteristics
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case- IGBT
–––
–––
3.9
RθJC
Junction-to-Case- Diode
–––
–––
6.0
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
62
Wt
Weight
–––
2.0
–––
g
PD-94427D


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn