Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRGIB6B60KD Datasheet(PDF) 5 Page - International Rectifier

Part No. IRGIB6B60KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRGIB6B60KD Datasheet(HTML) 5 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRGIB6B60KD
www.irf.com
5
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 11 - Typical VCE vs. VGE
TJ = 150°C
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
0
5
10
15
20
VGE (V)
0
5
10
15
20
25
30
35
40
TJ = 25°C
TJ = 150°C
TJ = 150°C
TJ = 25°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 3.0A
ICE = 5.0A
ICE = 10A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 3.0A
ICE = 5.0A
ICE = 10A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 3.0A
ICE = 5.0A
ICE = 10A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn