Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87608AYILFT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ICS87608AYILFT
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYILFT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ICS87608AYILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
9
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
TRANSISTOR COUNT
The transistor count for ICS87608I is: 5495
TABLE 8.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD LQFP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
RELIABILITY INFORMATION


Similar Part No. - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CY ICST-ICS8761CY Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLF ICST-ICS8761CYLF Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLFT ICST-ICS8761CYLFT Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLN ICST-ICS8761CYLN Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87608I RENESAS-87608I Datasheet
353Kb / 16P
    bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com