Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87608AYILFT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICS87608AYILFT
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYILFT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICS87608AYILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
8
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS87608I provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDOX
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The ICS87608I has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 25MHz, 18pF parallel
Figure 2. CRYSTAL INPUt INTERFACE
resonant crystal and were chosen to minimize the frequency
ppm error. The optimum C1 and C2 values can be slightly ad-
justed for optimum frequency accuracy.
C1
22p
X1
18pF Parallel Cry stal
C2
22p
XTAL2
XTAL1


Similar Part No. - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CY ICST-ICS8761CY Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLF ICST-ICS8761CYLF Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLFT ICST-ICS8761CYLFT Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLN ICST-ICS8761CYLN Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87608I RENESAS-87608I Datasheet
353Kb / 16P
    bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com