Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6F1616T6C Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. K6F1616T6C
Description  1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1616T6C Datasheet(HTML) 5 Page - Samsung semiconductor

  K6F1616T6C Datasheet HTML 1Page - Samsung semiconductor K6F1616T6C Datasheet HTML 2Page - Samsung semiconductor K6F1616T6C Datasheet HTML 3Page - Samsung semiconductor K6F1616T6C Datasheet HTML 4Page - Samsung semiconductor K6F1616T6C Datasheet HTML 5Page - Samsung semiconductor K6F1616T6C Datasheet HTML 6Page - Samsung semiconductor K6F1616T6C Datasheet HTML 7Page - Samsung semiconductor K6F1616T6C Datasheet HTML 8Page - Samsung semiconductor K6F1616T6C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
K6F1616T6C Family
Revision 0.0
November 2003
5
CMOS SRAM
Preliminary
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level: 0.2V to Vcc-0.2V
Input rising and falling time: 5ns
Input and output reference voltage:1.5V
Output load(see right): CL=100pF+1TTL
CL=30pF+1TTL
AC CHARACTERISTICS (Vcc=2.7~3.6V, TA=-40 to 85
°C)
Parameter List
Symbol
Speed Bins
Units
55ns
70ns
Min
Max
Min
Max
Read
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select to output
tCO
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
35
ns
LB, UB valid to data output
tBA
-
55
-
70
ns
Chip select to low-Z output
tLZ
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
ns
LB, UB enable to low-Z output
tBLZ
10
-
10
-
ns
Output hold from address change
tOH
10
-
10
-
ns
Chip disable to high-Z output
tHZ
0
20
0
25
ns
OE disable to high-Z output
tOHZ
0
20
0
25
ns
UB, LB disable to high-Z output
tBHZ
0
20
0
25
ns
Write
Write cycle time
tWC
55
-
70
-
ns
Chip select to end of write
tCW
45
-
60
-
ns
Address set-up time
tAS
0
-
0
-
ns
Address valid to end of write
tAW
45
-
60
-
ns
Write pulse width
tWP
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
ns
Write to output high-Z
tWHZ
0
20
0
20
ns
Data to write time overlap
tDW
25
-
30
-
ns
Data hold from write time
tDH
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
ns
LB, UB valid to end of write
tBW
45
-
60
-
ns
CL1)
1. Including scope and jig capacitance
R22)
R12)
VTM3)
2. R1=3070
, R2=3150Ω
3. VTM =2.8V
DATA RETENTION CHARACTERISTICS
1. 1) CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V(CS1 controlled) or
2) 0
≤CS2≤0.2V(CS2 controlled)
2. Typical value are measured at TA=25
°C and not 100% tested.
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS1
≥Vcc-0.2V1), VIN≥0V
1.5
-
3.6
V
Data retention current
IDR
Vcc=1.5V, CS1
≥Vcc-0.2V1), VIN≥0V
-
1.02)
15
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ns
Recovery time
tRDR
tRC
-
-


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn