Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8412 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8412
Description  16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

ADS8412 Datasheet(HTML) 4 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ADS8412
SLAS384A – JUNE 2003 – REVISED DECEMBER 2004
SPECIFICATIONS (continued)
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL VOLTAGE REFERENCE INPUT
Vref
Reference voltage at REFIN
3.9
4.096
4.2
V
Reference resistance(7)
500
k
INTERNAL REFERENCE OUTPUT
From 95% (+VA), with 1 µF
Internal reference start-up time
120
ms
storage capacity
Vref
Reference voltage
IOUT = 0
4.065
4.096
4.13
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 ~ 5.25 V
0.6
mV
Drift
IOUT = 0
36
PPM/
°C
DIGITAL INPUT/OUTPUT
Logic family — CMOS
VIH
High level input voltage
IIH = 5 µA
+VBD – 1
+VBD + 0.3
VIL
Low level input voltage
IIL = 5 µA
–0.3
0.8
V
VOH
High level output voltage
IOH = 2 TTL loads
+VBD – 0.6
+VBD
VOL
Low level output voltage
IOL = 2 TTL loads
0
0.4
Data format – 2's complement
POWER SUPPLY REQUIREMENTS
+VBD
2.7
3
5.25
Power supply voltage
V
+VA
4.75
5
5.25
+VA Supply current(8)
fs = 2 MHz
35
40
mA
PD
Power dissipation(8)
fs = 2 MHz
175
200
mW
TEMPERATURE RANGE
TA
Operating free-air
–40
85
°C
(7)
Can vary
±20%
(8)
This includes only +VA current. +VBD current is typically 1 mA with 5-pF load capacitance on output pins.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840116-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS848118-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837016-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840616-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838318-BIT 500-kHz UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS838118-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn