Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA178L02UA Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HA178L02UA
Description  3-terminal Fixed Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178L02UA Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA178L02UA Datasheet HTML 1Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 2Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 3Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 4Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 5Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 6Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 7Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 8Page - Hitachi Semiconductor HA178L02UA Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HA178L00 Series
4
UPAK Product (HA178L00UA) Mark Patterns
The mark patterns shown below are used. on UPAK products, as the package is small. Note that the product
code and mark pattern are different.The pattern is laser-printed.
(1)
(2)
(3)
(4)
(5)
Band Mark
OUT
GND
IN
Notes: 1. Boxes (1) to (5) in the figures show the position of the letters or numerals, and are not actually
marked on the package.
2. (1) and (2) show the product-specific mark pattern. (see table 1)
Table 1
Output Voltage (V)
Product No.
Mark Pattern (2 digit)
2.5
HA178L02UA
8A
5
HA178L05UA
8B
5.6
HA178L56UA
8C
6
HA178L06UA
8D
8
HA178L08UA
8E
9
HA178L09UA
8F
10
HA178L10UA
8G
12
HA178L12UA
8H
15
HA178L15UA
8J
3. (3) shows the production year code (the last digit of the year).
4. (4) shows the production month code (see table 2).
Table 2
Production Month
1
2345
6789
10
11
12
Marked Code
A
B
C
D
E
F
G
H
J
K
L
M
5. (5) shows the production week code.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PJ7800 3-Terminal Fixed Voltage Positive Regulators 1  2  3  4  5  More List of Unclassifed Manufacturers
HA17800V 3-terminal Fixed Voltage Regulators 1  2  3  4  5  More Hitachi Semiconductor
HA178L12 3-terminal Fixed Voltage Regulators 1  2  3  4  5  More Hitachi Semiconductor
HA178L00 3-terminal Fixed Voltage Regulators 1  2  3  4  5  More Hitachi Semiconductor
HA179L00 3-terminal Negative Fixed Voltage Regulators 1  2  3  4  5  More Hitachi Semiconductor
HA178M00 3-terminal Fixed Voltage Regulators 1  2  3  4  5  More Hitachi Semiconductor
LM7800 LM7800 Series 3-Terminal fixed Voltage Regulators 1  2  3  4  5  More First Components International
SG109 5 -VOLT FIXED VOLTAGE REGULATORS 1  2  3  Microsemi Corporation
M5278LXX 5V 5.6V 8V 9V 10V 12V 15V 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR WITH FOLD-BACK PROTECTION CIRCUIT 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn