Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2088 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2088
Description  Integrated Circuit 4-Segment Darlington Array, w/Pre-Driver Stage for use with PMOS and 12V CMOS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2088 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2088 Datasheet HTML 1Page - NTE Electronics NTE2088 Datasheet HTML 2Page - NTE Electronics NTE2088 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE2088
Integrated Circuit
4–Segment Darlington Array, w/Pre–Driver Stage
for use with PMOS and 12V CMOS
Description:
The NTE2088 is a High voltage, high current Darlington array in a 16–Lead DIP type package designed
as an interface between low–level logic and a variety of peripheral loads such as relays, solenoids, DC
and stepper motors, multiplexed LED and incandescent displays, heaters, and similar loads to 480
Watts (1.5A per output, 80V, 26% duty cycle).
This device has a minimum output breakdown of 50V and a minimum VCE(sus) of 35V measured at
100mA, or a minimum output breakdown of 80V and a minimum VCE(sus) of 50V.
A copper–alloy lead frame provides maximum power dissipation using standard cooling methods.
This lead configuration facilitates attachment of external heat sinks for increased power dissipation
with standard IC sockets and printed wiring boards.
Features:
D TTL, DTL, PMOS, CMOS Compatible Inputs
D Transient–Protected Outputs
D Loads to 480 Watts
D Heat Sink Contact Tabs on Quad Arrays
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Output Voltage, VCEX
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Sustaining Voltage, VCE(sus)
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current , IOUT
1.75A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VIN
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current (Note 1), IB
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage, VS
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, TS
–55
° to –150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Input current may be limited by maximum allowable input voltage.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Leakage Current
ICEX
VCE = 80V
100
µA
VCE = 80V, TA = +70°C
500
µA
Output Sustaining Voltage
VCE(sus) IC = 100mA, VIN = –400mV
50
V


Similar Part No. - NTE2088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
More results

Similar Description - NTE2088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2087 NTE-NTE2087 Datasheet
20Kb / 2P
   Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
logo
Guangdong Youtai Semico...
ULN2803 UMW-ULN2803 Datasheet
289Kb / 6P
   Darlington array power driver integrated circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com