Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD26C31 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD26C31
Description  Quadruple Differential Line Drivers With 3 State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26C31 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD26C31 Datasheet HTML 2Page - Hitachi Semiconductor HD26C31 Datasheet HTML 3Page - Hitachi Semiconductor HD26C31 Datasheet HTML 4Page - Hitachi Semiconductor HD26C31 Datasheet HTML 5Page - Hitachi Semiconductor HD26C31 Datasheet HTML 6Page - Hitachi Semiconductor HD26C31 Datasheet HTML 7Page - Hitachi Semiconductor HD26C31 Datasheet HTML 8Page - Hitachi Semiconductor HD26C31 Datasheet HTML 9Page - Hitachi Semiconductor HD26C31 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD26C31
6
Switching Characteristics (Ta = –40°C to +85°C, V
CC = 5 V ± 10%)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Propagation Delay Time
t
PLH
2.0
6.0
11.0
ns
Test Circuit (1)
t
PHL
2.0
6.0
11.0
ns
Output To Output Skew
Skew
0.5
2.0
ns
Differential Output Transition Time
t
TLH
6.0
10.0
ns
Test Circuit (3)
t
THL
6.0
10.0
ns
Output Enable Time
t
ZL
11.0
19.0
ns
Test Circuit (2)
t
ZH
13.0
21.0
ns
Output Disable Time
t
LZ
5.0
9.0
ns
t
HZ
7.0
11.0
ns
Power Dissipation Capacitance
C
PD
50.0
pF
Input Capacitance
C
IN
6.0
pF
Test Circuit 1
Palse Generator
Z
= 50
out
VCC
C1
Input
Output
Output
C2
C3
R1
R2
R3
OPEN
1.5 V
G
G
VCC
A
Y
Z
S1
Note:
1.
C1, C2 and C3 (40 pF) include probe and jig capacitance.
R1 = R2 = 50
Ω, R3 = 500 Ω


Similar Part No. - HD26C31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C31FPEL RENESAS-HD26C31FPEL Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
More results

Similar Description - HD26C31

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C32A RENESAS-HD26C32A_04 Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS31 RENESAS-HD26LS31 Datasheet
169Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com