Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD26C31 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD26C31
Description  Quadruple Differential Line Drivers With 3 State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26C31 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD26C31 Datasheet HTML 1Page - Hitachi Semiconductor HD26C31 Datasheet HTML 2Page - Hitachi Semiconductor HD26C31 Datasheet HTML 3Page - Hitachi Semiconductor HD26C31 Datasheet HTML 4Page - Hitachi Semiconductor HD26C31 Datasheet HTML 5Page - Hitachi Semiconductor HD26C31 Datasheet HTML 6Page - Hitachi Semiconductor HD26C31 Datasheet HTML 7Page - Hitachi Semiconductor HD26C31 Datasheet HTML 8Page - Hitachi Semiconductor HD26C31 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HD26C31
5
Electrical Characteristics (Ta = –40°C to +85°C)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input Voltage
V
IH
2.0
V
V
IL
0.8
V
Output Voltage
V
OH
2.4
3.4
V
V
IN = VIH or VIL, IOH = –20 mA
V
OL
0.2
0.4
V
V
IN =VIH or VIL, IOL = 20 mA
Differential Output Voltage
V
T
2.0
3.1
V
R
L = 100 Ω
50
50
VT
VOS
Difference In Differential
Output
IV
TI – IVTI
0.4
V
Common ModeOutput
Voltage
V
OS
1.8
3.0
V
Difference In Output
Common Mode
IV
OS – VOSI
0.4
V
Input Current
I
IN
——
±1.0 µAV
IN = VCC, GND, VIH or VIL
Supply Current
I
CC
200
500
µAI
OUT = 0 µA, VIN = VCC or GND
I
CC*
2
0.8
2.0
mA
I
OUT=0 µA, VIN = 2.4 V or 0.5 V
Off State Output Current
I
OZ
±0.5 ±5.0 µAV
OUT = VCC or GND, G = VIL, G = VIH
Short Circuit Output Current I
SC*
3
–30
–150 mA
V
IN = VCC or GND
Output Current with Power
I
OFF
100
µAV
CC = 0 V, VOUT = 6 V
Off
I
OFF
–100
µAV
CC = 0 V, VOUT = –0.25 V
Notes: 1. All typical values are at V
CC =
Ta = 25
°C.
2. 1 input: V
IN = 2.4 V or 0.5 V, other inputs:
V
IN = VCC or GND
3. Not more than one output should be shorted at a time and duration of the short circuit should not
exceed one second.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn