Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25823ZXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25823ZXCT
Description  CK-SSCD Spread Spectrum Differential Clock Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823ZXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25823ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 10Page - Cypress Semiconductor CY25823ZXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY25823
Document #: 38-07579 Rev. *C
Page 7 of 12
CLKOUT/CLKOUT# Enable Clarification
The CLKOUT enable I2C register bit (Byte1, bit2) is used to
enable/disable the CLKOUT clock. The PLL and crystal oscil-
lator remains on when the outputs are disabled.
When CLKOUT is disabled, the disabled clock is three-stated.
The transition to this mode (three-state) is glitch free. Similarly,
when CLKOUT is enabled the clock starts in a predictable
manner without any glitches or abnormal behavior.
Current Reference, IREF
The details of the current reference circuit are shown in
Figure 3. The operational amplifier in the current reference
circuit drives the gate of MIREF with feedback to establish
VREF = 1.1V at both inputs of the amplifier. Thus the reference
current is established according to the following formula:
IREF = 1.1V / RREF
where RREF is the external resistor and 1.1V is the reference
voltage.
The IREF is scaled by 6x at the output stage and IOUT is given
as: IOUT = 6 x IREF.
The recommended value for RREF is 475 Ohms, which corre-
sponds to the IREF of 2.32mA.


Similar Part No. - CY25823ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823ZXCT CYPRESS-CY25823ZXCT Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
More results

Similar Description - CY25823ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com