Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25823ZXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY25823ZXC
Description  CK-SSCD Spread Spectrum Differential Clock Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823ZXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY25823ZXC Datasheet HTML 4Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 5Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 6Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 7Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 8Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 9Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 10Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 11Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY25823
Document #: 38-07579 Rev. *C
Page 10 of 12
Figure 5. Single-ended Measurement Points for TRise and TFall (CLKOUT and CLKOUT#)
V
OH = 0.525V
TRise (CLCKOUT)
TFall (CLCKOUT)
CLK
OUT
#
V
OL = 0.175V
VCROSS
CL
KO
UT
CL K O UT
T
PC B
T
PC B
CL K O U T #
33Ω
33Ω
49.9Ω
49.9Ω
M e a s ure m ent
Po in t
2pF
475Ω
IR E F
M easurem en t
Po in t
2pF
Figure 6. 0.7V Load Configuration
Ordering Information
Part Number
Package Type
Product Flow
CY25823ZXC
16-pin TSSOP (Lead-free)
Commercial, 0°C to 70°C
CY25823ZXCT
16-pin TSSOP – Tape and Reel (Lead-free)
Commercial, 0°C to 70°C


Similar Part No. - CY25823ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823ZXC CYPRESS-CY25823ZXC Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXCT CYPRESS-CY25823ZXCT Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
More results

Similar Description - CY25823ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com