Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25823 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25823
Description  CK-SSCD Spread Spectrum Differential Clock Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25823 Datasheet HTML 4Page - Cypress Semiconductor CY25823 Datasheet HTML 5Page - Cypress Semiconductor CY25823 Datasheet HTML 6Page - Cypress Semiconductor CY25823 Datasheet HTML 7Page - Cypress Semiconductor CY25823 Datasheet HTML 8Page - Cypress Semiconductor CY25823 Datasheet HTML 9Page - Cypress Semiconductor CY25823 Datasheet HTML 10Page - Cypress Semiconductor CY25823 Datasheet HTML 11Page - Cypress Semiconductor CY25823 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY25823
Document #: 38-07579 Rev. *C
Page 11 of 12
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimension
All product and company names mentioned in this document are the trademarks of their respective holders.
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05 gms
PART #
Z16.173
STANDARD PKG.
ZZ16.173 LEAD FREE PKG.
16-lead TSSOP 4.40 MM Body Z16.173
51-85091-*A


Similar Part No. - CY25823

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXC CYPRESS-CY25823ZXC Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXCT CYPRESS-CY25823ZXCT Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
More results

Similar Description - CY25823

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com