Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25823 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25823
Description  CK-SSCD Spread Spectrum Differential Clock Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25823 Datasheet HTML 4Page - Cypress Semiconductor CY25823 Datasheet HTML 5Page - Cypress Semiconductor CY25823 Datasheet HTML 6Page - Cypress Semiconductor CY25823 Datasheet HTML 7Page - Cypress Semiconductor CY25823 Datasheet HTML 8Page - Cypress Semiconductor CY25823 Datasheet HTML 9Page - Cypress Semiconductor CY25823 Datasheet HTML 10Page - Cypress Semiconductor CY25823 Datasheet HTML 11Page - Cypress Semiconductor CY25823 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY25823
Document #: 38-07579 Rev. *C
Page 9 of 12
Application Schematic[2,3]
Notes:
1. Not 100% tested, guaranteed by design.
2. VDD and VDDA should be tied together and connected to 3.3V.
3. VSSIREF and VSS are tied together and are common ground.
TR / TF
CLKOUT and CLKOUT# Rise and Fall Times Measured from VOL = 0.175 to
VOH = 0.525V
175
700
ps
TRFM
Rise/Fall Matching
Determined as a fraction of
2*(TR –TF)/(TR + TF)
–20
%
Tstable[1]
All clock stabilization from Power-up
3.0
ms
∆TR
Rise Time Variation
125
ps
∆TF
Fall Time Variation
125
ps
VHIGH
Voltage High
660
850
mv
VLOW
Voltage Low
–150
mv
VOX
Crossing Point Voltage at 0.7V Swing
250
550
mv
VOVS
Maximum Overshoot Voltage
VHIGH +
0.3
V
VUDS
Minimum Undershoot Voltage
–0.3
V
VRB
Ring Back Voltage
Measure SE
0.2
V
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit
V DDA
VDD
VDD
0.1
µF
CLKOUT
CLKOUT#
16
9
12
11
33Ω
33Ω
IREF
475Ω
VSSIREF
VSS
VSSA
Separate Ground
14
13
10
15
10ΚΩ
VDD
REFOUT/SEL
33Ω
PW RDW N
5
6
SCLOCK
SDA TA
CLKIN
S2
S3
S1
7
8
4
3
1
2
R1
R2
R3
R4
R5
C1
49.9Ω
49.9Ω
1%
R7
R6
1%
1%
5%
5%
5%
5%
Source
Termination
Figure 4. Application Schematic


Similar Part No. - CY25823

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXC CYPRESS-CY25823ZXC Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXCT CYPRESS-CY25823ZXCT Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
More results

Similar Description - CY25823

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com