Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE87FL1015 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE87FL1015
Description  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1015 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE87FL1015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1015 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1015 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
0 dB
0 GHz
Passband
s11
s21
-5
-4
-3
-2
-1
0
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0 dB
0 GHz
Insertion Loss
PE87FL1015
PE87FL1015 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 11 Section Lowpass Filter With SMA Female Connectors Operating From DC to 7 GHz
PE87FL1015
11 Section Lowpass Filter With SMA Female
Connectors Operating From DC to 7 GHz


Similar Part No. - PE87FL1015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1010 PASTERNACK-PE87FL1010 Datasheet
487Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1011 PASTERNACK-PE87FL1011 Datasheet
485Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
   11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
   11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE87FL1014 PASTERNACK-PE87FL1014 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE87FL1015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com