Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE87FL1003 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE87FL1003
Description  Bandpass Filters Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1003 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE87FL1003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1003 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PE87FL1003 REV 1.0
-120
-100
-80
-60
-40
-20
0
7.95
8.45
8.95
9.45
9.95
10.45
10.95
11.45
11.95
12.45
12.95
13.45
13.95
14.45
14.95
0 dB
GHz
Wideband
S11
S21
6 Section Bandpass Filter With SMA Female Connectors Operating From 10.7 GHz to 12.2 GHz With a 1.5 GHz Passband
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 Section Bandpass Filter With SMA Female Connectors Operating From 10.7 GHz to 12.2 GHz
With a 1.5 GHz Passband
PE87FL1003
URL: http://www.pasternack.com/6-section-band-pass-filter-10.7-12.2-ghz-passband-1.5-ghz-pe87fl1003-p.aspx
6 Section Bandpass Filter With SMA Female Connectors
Operating From 10.7 GHz to 12.2 GHz With a 1.5 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1003


Similar Part No. - PE87FL1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1000 PASTERNACK-PE87FL1000 Datasheet
464Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1001 PASTERNACK-PE87FL1001 Datasheet
466Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1002 PASTERNACK-PE87FL1002 Datasheet
466Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1004 PASTERNACK-PE87FL1004 Datasheet
466Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1005 PASTERNACK-PE87FL1005 Datasheet
464Kb / 5P
   Bandpass Filters Technical Data Sheet
More results

Similar Description - PE87FL1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1002 PASTERNACK-PE87FL1002 Datasheet
466Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1006 PASTERNACK-PE87FL1006 Datasheet
465Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1007 PASTERNACK-PE87FL1007 Datasheet
487Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1010 PASTERNACK-PE87FL1010 Datasheet
487Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1000 PASTERNACK-PE87FL1000 Datasheet
464Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1008 PASTERNACK-PE87FL1008 Datasheet
465Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1004 PASTERNACK-PE87FL1004 Datasheet
466Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1005 PASTERNACK-PE87FL1005 Datasheet
464Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1011 PASTERNACK-PE87FL1011 Datasheet
485Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1009 PASTERNACK-PE87FL1009 Datasheet
487Kb / 5P
   Bandpass Filters Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com