Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE86X9005 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE86X9005
Description  Mixers Technical Data Sheet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE86X9005 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE86X9005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE86X9005 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Mixers Technical Data Sheet
PE86X9005
IQ Mixer Operating From 20 GHz to 31 GHz With
an IF Range From DC to 4.5 GHz And LO Power of
+17 dBm, Field Replaceable 2.92mm
IQ Mixer Operating From 20 GHz to 31 GHz With an IF Range From DC to 4.5 GHz And LO Power of +17 dBm, Field
Replaceable 2.92mm from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: IQ Mixer Operating From 20 GHz to 31 GHz With an IF Range From DC to 4.5 GHz And LO Power
of +17 dBm, Field Replaceable 2.92mm PE86X9005
URL: https://www.pasternack.com/50-ohm-2.92mm-mixer-20-31-ghz-if-dc-4.5-ghz-pe86x9005-p.aspx
PE86X9005 REV 1.1


Similar Part No. - PE86X9005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE86X9000 PASTERNACK-PE86X9000 Datasheet
484Kb / 8P
   Mixers Technical Data Sheet
PE86X9001 PASTERNACK-PE86X9001 Datasheet
493Kb / 8P
   Mixers Technical Data Sheet
PE86X9002 PASTERNACK-PE86X9002 Datasheet
474Kb / 8P
   Mixers Technical Data Sheet
PE86X9003 PASTERNACK-PE86X9003 Datasheet
479Kb / 8P
   Mixers Technical Data Sheet
PE86X9004 PASTERNACK-PE86X9004 Datasheet
499Kb / 8P
   Mixers Technical Data Sheet
More results

Similar Description - PE86X9005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE86X1002 PASTERNACK-PE86X1002 Datasheet
476Kb / 8P
   Mixers Technical Data Sheet
PE86X9003 PASTERNACK-PE86X9003 Datasheet
479Kb / 8P
   Mixers Technical Data Sheet
PE86X1004 PASTERNACK-PE86X1004 Datasheet
824Kb / 7P
   Mixers Technical Data Sheet
PE86X9000 PASTERNACK-PE86X9000 Datasheet
484Kb / 8P
   Mixers Technical Data Sheet
PE86X9006 PASTERNACK-PE86X9006 Datasheet
495Kb / 8P
   Mixers Technical Data Sheet
PE86X9004 PASTERNACK-PE86X9004 Datasheet
499Kb / 8P
   Mixers Technical Data Sheet
PE86X1001 PASTERNACK-PE86X1001 Datasheet
471Kb / 8P
   Mixers Technical Data Sheet
PE86X9001 PASTERNACK-PE86X9001 Datasheet
493Kb / 8P
   Mixers Technical Data Sheet
PE86X1000 PASTERNACK-PE86X1000 Datasheet
472Kb / 7P
   Mixers Technical Data Sheet
PE86X1003 PASTERNACK-PE86X1003 Datasheet
494Kb / 7P
   Mixers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com