Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE86X1001 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE86X1001
Description  Mixers Technical Data Sheet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE86X1001 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE86X1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE86X1001 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Functional Block Diagram
PE86X1001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Double Balanced Mixer Operating From 24 GHz to 38 GHz With an IF Range From DC to
8 GHz And LO Power of +13 dBm, Field Replaceable 2.92mm PE86X1001
Mixers Technical Data Sheet
PE86X1001
Double Balanced Mixer Operating From 24 GHz to
38 GHz With an IF Range From DC to 8 GHz And LO
Power of +13 dBm, Field Replaceable 2.92mm


Similar Part No. - PE86X1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE86X1000 PASTERNACK-PE86X1000 Datasheet
472Kb / 7P
   Mixers Technical Data Sheet
PE86X1002 PASTERNACK-PE86X1002 Datasheet
476Kb / 8P
   Mixers Technical Data Sheet
PE86X1003 PASTERNACK-PE86X1003 Datasheet
494Kb / 7P
   Mixers Technical Data Sheet
PE86X1004 PASTERNACK-PE86X1004 Datasheet
824Kb / 7P
   Mixers Technical Data Sheet
More results

Similar Description - PE86X1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE86X1002 PASTERNACK-PE86X1002 Datasheet
476Kb / 8P
   Mixers Technical Data Sheet
PE86X9003 PASTERNACK-PE86X9003 Datasheet
479Kb / 8P
   Mixers Technical Data Sheet
PE86X9005 PASTERNACK-PE86X9005 Datasheet
514Kb / 8P
   Mixers Technical Data Sheet
PE86X1004 PASTERNACK-PE86X1004 Datasheet
824Kb / 7P
   Mixers Technical Data Sheet
PE86X9000 PASTERNACK-PE86X9000 Datasheet
484Kb / 8P
   Mixers Technical Data Sheet
PE86X9006 PASTERNACK-PE86X9006 Datasheet
495Kb / 8P
   Mixers Technical Data Sheet
PE86X9004 PASTERNACK-PE86X9004 Datasheet
499Kb / 8P
   Mixers Technical Data Sheet
PE86X9001 PASTERNACK-PE86X9001 Datasheet
493Kb / 8P
   Mixers Technical Data Sheet
PE86X1000 PASTERNACK-PE86X1000 Datasheet
472Kb / 7P
   Mixers Technical Data Sheet
PE86X1003 PASTERNACK-PE86X1003 Datasheet
494Kb / 7P
   Mixers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com