Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE83IR1006 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE83IR1006
Description  TECHNICAL DATA SHEET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1006 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE83IR1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1006 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
-60
-50
-40
-30
-20
-10
0
4
4.4
4.8
5.2
5.6
6
6.4
6.8
7.2
7.6
8
0 dB
4 GHz
Isolation And Return Loss
Return Loss
Isolation
High Power Isolator With 18 dB Isolation From 4 GHz to 8 GHz, 50 Watts And SMA Female from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power Isolator With 18 dB Isolation From 4 GHz to 8 GHz, 50 Watts And SMA Female
PE83IR1006
URL:
http://www.pasternack.com/high-power-isolator-18db-isolation-8-ghz-50-watts-sma-female-pe83ir1006-p.aspx
PE83IR1006
PE83IR1006 REV 1.0
High Power Isolator With 18 dB Isolation From
4 GHz to 8 GHz, 50 Watts And SMA Female


Similar Part No. - PE83IR1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE83IR1000 PASTERNACK-PE83IR1000 Datasheet
385Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1001 PASTERNACK-PE83IR1001 Datasheet
389Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1003 PASTERNACK-PE83IR1003 Datasheet
401Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1004 PASTERNACK-PE83IR1004 Datasheet
409Kb / 5P
   TECHNICAL DATA SHEET
More results

Similar Description - PE83IR1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com