Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE83CR1024 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE83CR1024
Description  Circulators Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83CR1024 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE83CR1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83CR1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83CR1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83CR1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83CR1024 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Dual Junction Circulator With 40 dB Isolation From 11 GHz to 18 GHz, 5 Watts And SMA Female from Pasternack Enterpris-
es has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Junction Circulator With 40 dB Isolation From 11 GHz to 18 GHz, 5 Watts And SMA Fe-
male PE83CR1024
URL: http://www.pasternack.com/dual-junction-circulator-40db-isolation-18-ghz-5-watts-sma-female-pe83cr1024-p.aspx
PE83CR1024 REV 1.0
Circulators Technical Data Sheet
PE83CR1024
Dual Junction Circulator With 40 dB Isolation From
11 GHz to 18 GHz, 5 Watts And SMA Female


Similar Part No. - PE83CR1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE83CR1020 PASTERNACK-PE83CR1020 Datasheet
390Kb / 5P
   Circulators Technical Data Sheet
PE83CR1021 PASTERNACK-PE83CR1021 Datasheet
422Kb / 5P
   Circulators Technical Data Sheet
PE83CR1022 PASTERNACK-PE83CR1022 Datasheet
416Kb / 5P
   Circulators Technical Data Sheet
PE83CR1023 PASTERNACK-PE83CR1023 Datasheet
480Kb / 5P
   Circulators Technical Data Sheet
More results

Similar Description - PE83CR1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE83CR1005 PASTERNACK-PE83CR1005 Datasheet
393Kb / 5P
   Circulators Technical Data Sheet
PE83CR1010 PASTERNACK-PE83CR1010 Datasheet
401Kb / 5P
   Circulators Technical Data Sheet
PE83CR1019 PASTERNACK-PE83CR1019 Datasheet
400Kb / 5P
   Circulators Technical Data Sheet
PE83CR1000 PASTERNACK-PE83CR1000 Datasheet
392Kb / 5P
   Circulators Technical Data Sheet
PE83CR1001 PASTERNACK-PE83CR1001 Datasheet
409Kb / 5P
   Circulators Technical Data Sheet
PE83CR1013 PASTERNACK-PE83CR1013 Datasheet
389Kb / 5P
   Circulators Technical Data Sheet
PE83CR1003 PASTERNACK-PE83CR1003 Datasheet
394Kb / 5P
   Circulators Technical Data Sheet
PE83CR1014 PASTERNACK-PE83CR1014 Datasheet
386Kb / 5P
   Circulators Technical Data Sheet
PE83CR1018 PASTERNACK-PE83CR1018 Datasheet
386Kb / 5P
   Circulators Technical Data Sheet
PE83CR1023 PASTERNACK-PE83CR1023 Datasheet
480Kb / 5P
   Circulators Technical Data Sheet
PE83CR1022 PASTERNACK-PE83CR1022 Datasheet
416Kb / 5P
   Circulators Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com