Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDX-U20 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LDX-U20
Description  Multiple protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDX-U20 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LDX-U20 Datasheet HTML 1Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 2Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 3Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 4Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
LDX-U20
tech.support@psbel.com
INPUT / OUTPUT CONNECTION:
IN (+/-) = connect to DC (+/-) Power supply
OUT (+/-) = connect to DC (+/-) Load
BATTERY (+/-) = connect to Battery (+/-)
BATTERY SENSE (+/-) = connect to Battery (+/-) for better
accuracy of internal resistance measurement
INHIBIT (+/-) = used to inhibits the backup function
Backup = dry contact closed when LDX-U20 is running on
battery
Ready = programmable dry contact
Weight
500 g
Dimensions
54 x 115 x 110 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Figure 1. Mechanical Drawing


Similar Part No. - LDX-U20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDX-6515DS-A1M ETC-LDX-6515DS-A1M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-R2M ETC-LDX-6515DS-R2M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
logo
Bel Fuse Inc.
LDX-B20 BEL-LDX-B20 Datasheet
602Kb / 4P
   Wide voltage range 12 - 85 VDC
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
   DC-UPS with charging function of a 12 or 24 VDC battery
More results

Similar Description - LDX-U20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-725-PCAR ETC2-RS-725-PCAR Datasheet
234Kb / 2P
   Safe - through Multiple Over Power Protections
RS-475-PCAR ETC2-RS-475-PCAR Datasheet
233Kb / 2P
   Safe - through Multiple Over Power Protections
RS-625-PCAR ETC2-RS-625-PCAR Datasheet
234Kb / 2P
   Safe - through Multiple Over Power Protections
RS-525-PCAR ETC2-RS-525-PCAR Datasheet
235Kb / 2P
   Safe - through Multiple Over Power Protections
logo
Analog Intergrations Co...
AN006 AIC-AN006 Datasheet
115Kb / 8P
   USB Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Holtek Semiconductor In...
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Vishay Siliconix
VEMI355A-HAF VISHAY-VEMI355A-HAF_V01 Datasheet
881Kb / 6P
   3-Channel EMI-Filter with ESD-ProtectionS
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com