Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD45N01 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STD45N01
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD45N01 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button STD45N01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 8Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 9Page - SamHop Microelectronics Corp. STD45N01 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ver 1.0
www.samhop.com.tw
Aug,05,2013
8
TO-251 Tube/TO-252 Tape and Reel Data
TO-252 Carrier Tape
TO-252 Reel
UNIT:
PACKAGE
TO-252
(16
A0
B0
K0
D0
D1
EE1
E2
P0
P1
P2
T
6.96
0.1
10.49
2.79
2
1.5
+ 0.1
- 0
16.0
0.3
1.75
0.1
7.5
0.15
8.0
0.1
4.0
0.1
2.0
0.15
0.3
0.05
UNIT:
TAPE SIZE
16
REEL SIZE
330
M
N
W
T
H
K
S
G
R
V
330
0.5
97
1.0
17.0
+ 1.5
- 0
2.2
13.0
+ 0.5
- 0.2
10.6
2.0
0.5
" A"
TO-251 Tube
540
1.5
+
2~
3.0
4.5
7.50
1.25
0.4
6.60
19.75
D1
A0
D0
P0
P1
P2
T
K0
FEED DIRECTION
T
W
G
V
R
0.1
0.1
S
H
STU45N01
STD45N01


Similar Part No. - STD45N01

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD45N10 SAMHOP-STD45N10 Datasheet
134Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD45N10F7 STMICROELECTRONICS-STD45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
logo
Inchange Semiconductor ...
STD45N10F7 ISC-STD45N10F7 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STD45N10F7 DOINGTER-STD45N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STD45NF03L STMICROELECTRONICS-STD45NF03L Datasheet
47Kb / 6P
   N - CHANNEL 30V - 0.011 ohm - 45A DPAK STripFET POWER MOSFET
More results

Similar Description - STD45N01

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com