Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2075 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2075
Description  Integrated Circuit 5-Stage Transistor Array w/Strobe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2075 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2075 Datasheet HTML 1Page - NTE Electronics NTE2075 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2075
Integrated Circuit
5–Stage Transistor Array w/Strobe
Description:
The NTE2075, 5–channel sink driver, consists of 10 NPN transistors connected to form high current
gain driver pairs.
Features:
D Output Sustaining Voltage to 20V
D High Output Sink Current to 320mA
D PMOS Compatible Input with Strobe Control
D Wide Operating Temperature (TA = –20° to +75°C)
Application:
Relay and printer driver, LED or incandescent display digit driver, interfacing for standard MOS/BI POLAR
logics.
Function:
The NTE2075 uses a predriver stage. Each input has a diode and 20k
Ω resistor in series to have
a wide input voltage range from –25V to +20V. All inputs can be controlled simultaneously by a strobe
input at Pin1. The power supply of the predrivers is connected to Pin14. All emitters and the substrate
are connected together to Pin7. The outputs are capable of sinking 320mA and will withstand 20V
in the OFF state.
Absolute Maximum Ratings: (TA = –20° to +75°C, unless otherwise specified)
Supply Voltage, VCC
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Sustaining Voltage (Transistor OFF), VCEO
–0.5 to +20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current (Transistor ON), IC
320mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
–20 to +20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Strobe Input Voltage, VI(STB)
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), Pd
1.47W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = –20° to +75°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Supply Voltage
VCC
3
8
V
Output Voltage
VO
0
20
V
Collector Current
(Percent duty cycle less than
33%, VCC = 6.5V
V(BR)CEO VCC= 8V, VI = 7V, VI(STB) = 0.2V,
ICEO = 100µA
20
V
Note 1. All typical values are at TA = +25°C


Similar Part No. - NTE2075

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
More results

Similar Description - NTE2075

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2087 NTE-NTE2087 Datasheet
20Kb / 2P
   Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com