Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC50228BVD16S Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CMC50228BVD16S
Description  Ultra low phase jitter: 0.5ps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC50228BVD16S Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CMC50228BVD16S Datasheet HTML 1Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 2Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 3Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 4Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 5Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ultra Performance
MEMS Oscillator Page 2 of 6
CMC503-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
PARAMETER
SYMBOL
CONDITION
VALUE
Min
Typ.
Max
UNIT
Output Levels
VOH
Ioh= -3 mA ( Vs=1.8V )
Ioh= -6 mA ( Vs= 2.5V, 2.8V or 3.3V )
0.9 Vs
V
VOL
Iol=3 mA ( Vs=1.8V )
Iol=6 mA ( Vs= 2.5V, 2.8V or 3.3V )
0.1Vs
V
Duty Cycle
DC
all Vs
45
55
%
Output Load
CL
Ta=25 °C
15
pF
Table 1. Rise/Fall Time vs. CLoad ( CL ), Vs=1.8V
Table 2. Rise/Fall Time vs. CLoad ( CL ), Vs=2.5V
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10% to
90%
(ns) typ.
D0
0.51
1.09
1.76
2.45
3.24
D1
0.66
1.15
1.84
2.58
3.41
D2
0.77
1.20
1.94
2.72
3.61
D3 ,
default
0.82
1.24
2.07
2.89
3.82
D4
0.86
1.29
2.24
3.04
4.06
D5
0.88
1.34
2.39
3.25
4.32
D6
0.92
1.41
2.56
3.52
4.64
D7
0.97
1.50
2.74
3.80
4.98
D8
1.01
1.64
2.95
4.12
5.40
D9
1.07
1.88
3.23
4.50
5.87
D10
1.22
2.10
3.57
5.00
6.46
D11
1.49
2.28
3.96
5.55
7.15
D12
1.59
2.59
4.49
6.25
7.98
D13
1.76
3.01
5.14
7.10
9.15
D14
2.19
3.52
6.00
8.31
10.59
D15
2.62
4.25
7.20
9.81
12.65
D16
3.27
5.30
8.89
12.18
15.75
D17
4.38
7.05
11.61
16.17
20.83
D18
6.50
10.27
16.21
23.92
30.73
D19
12.45
17.68
19.48
46.21
57.82
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10% to
90%
(ns) typ.
D0
0.30
0.57
1.29
1.70
2.28
D1
0.31
0.59
1.37
1.77
2.39
D2
0.32
0.62
1.44
1.85
2.50
D3
0.33
0.65
1.51
1.96
2.65
D4
0.34
0.71
1.58
2.07
2.80
D5
0.36
0.83
1.66
2.20
2.98
D6
0.38
0.99
1.76
2.37
3.18
D7
0.44
1.10
1.86
2.56
3.43
D8,
default
0.67
1.20
2.00
2.79
3.69
D9
0.87
1.29
2.21
3.04
4.02
D10
0.90
1.37
2.44
3.34
4.42
D11
0.93
1.48
2.69
3.73
4.92
D12
0.98
1.69
3.03
4.20
5.51
D13
1.06
2.04
3.50
4.84
6.26
D14
1.50
2.33
4.11
5.68
7.33
D15
1.67
2.87
4.94
6.85
8.80
D16
2.21
3.57
6.19
8.55
11.04
D17
2.93
4.78
8.15
11.19
14.59
D18
4.42
7.18
11.93
16.60
21.38
D19
8.68
13.59
18.36
32.70
42.06
OUTPUT CHARACTERISTICS


Similar Part No. - CMC50228BVD16S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC50228BVD1E RALTRON-CMC50228BVD1E Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50228BVD1N RALTRON-CMC50228BVD1N Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50228BVD1S RALTRON-CMC50228BVD1S Datasheet
717Kb / 6P
   Low Power Oscillator
More results

Similar Description - CMC50228BVD16S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC253 RALTRON-CMC253 Datasheet
735Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC254 RALTRON-CMC254 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC304 RALTRON-CMC304 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC303 RALTRON-CMC303 Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com