Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC50228BVD16S Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CMC50228BVD16S
Description  Ultra low phase jitter: 0.5ps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC50228BVD16S Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CMC50228BVD16S Datasheet HTML 1Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 2Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 3Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 4Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 5Page - Raltron Electronics Corporation CMC50228BVD16S Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra Performance
MEMS Oscillator
Page 1 of 6
CMC503-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
■ Ultra low phase jitter: 0.5ps ( 12 kHz to 20MHz )
■ LVCMOS/ LVTTL compatible output
■ SMD package 5.0 x 3.2 mm
PARAMETER
SYMBOL
CONDITION
VALUE
UNIT
Min.
Typ.
Max.
Frequency Range
f0
Any Frequency between Frequency
range, accurate to
6 decimal places
1
80
MHz
Supply Voltage
Vs
Supply voltages between 2.5V and
3.3V can be supported in increments
of 0.1V
1.71
2.25
2.52
2.97
1.8
2.5
2.8
3.3
1.89
2.75
3.08
3.63
V
V
V
V
Supply Current
Is
Vs = 1.8V,
f0=20MHz, no load
condition
Vs = 2.5V,2.8V and 3.3V
f0=20MHz,
no load condition
29
31
31
33
mA
mA
Operating Temperature
Ta
Extended Commercial
Industrial
-20
-40
+70
+85
C
°C
Frequency Stability
Δf/f0
Including First Year aging, initial
frequency tolerance at 25°C,
Frequency stability over temperature
range, supply variation, load variation
-10
-20
-25
-50
+10
+20
+25
+50
ppm
ppm
ppm
ppm
Long term stability, aging
Δf/Δty
Δf/Δty
First year
10 years
-1.5
-5.0
1.5
5.0
ppm
ppm
Enable / Disable Time
T E/D
f0=80MHz, for other frequencies,
T E/D =100ns+ 3 cycles
150
ms
Enable / Disable Current
I E/D
Vs=1.8V, E/D =GND, output is
weakly pulled down
Vs=2.5V,2.8Vor 3.3V, E/D =GND
output is weakly pulled down
30
31
mA
mA
Standby Current
Istby
STBY=GND,Vs=1.8V
STBY=GND,Vs=2.5V,2.8V or 3.3V
Output is weakly pulled down
10
70


Startup Time
T ST
Measured from the time Vs reaches
its rated minimum value
7
10
ms
Resume Time
T res
Measured from the time STBY pin
crosses 50% threshold
6
10
ms
Rise/ Fall Time
Tr / Tf
CL
= 15pF, 10% - 90% Vs
1.5
2.0
ns
RMS Phase Jitter
J PH
f0=10MHz,BW 12KHz to 20MHz
0.5
1.0
ps
RMS Period Jitter
J P
f0=75 MHz,Vs=2.5V,2.8V or 3.3V
f0=75 MHz, Vs=1.8V
1.5
2.0
2.0
3.0
ps
ps
Input Voltage High
VIH
Pin 1, E/D or STBY
70%
Vs
Input Voltage Low
VIL
Pin 1, E/D or STBY
30%
Vs
Input pull-up impedance
Z in
Pin 1 E/D High or Low, STBY= High
STBY = Low
2
100
250
ELECTRICAL SPECIFICATIONS


Similar Part No. - CMC50228BVD16S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC50228BVD1E RALTRON-CMC50228BVD1E Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50228BVD1N RALTRON-CMC50228BVD1N Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50228BVD1S RALTRON-CMC50228BVD1S Datasheet
717Kb / 6P
   Low Power Oscillator
More results

Similar Description - CMC50228BVD16S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC253 RALTRON-CMC253 Datasheet
735Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC254 RALTRON-CMC254 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC304 RALTRON-CMC304 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC303 RALTRON-CMC303 Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com