Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC30328CVD18S Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC30328CVD18S
Description  Ultra low phase jitter: 0.5ps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC30328CVD18S Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC30328CVD18S Datasheet HTML 1Page - Raltron Electronics Corporation CMC30328CVD18S Datasheet HTML 2Page - Raltron Electronics Corporation CMC30328CVD18S Datasheet HTML 3Page - Raltron Electronics Corporation CMC30328CVD18S Datasheet HTML 4Page - Raltron Electronics Corporation CMC30328CVD18S Datasheet HTML 5Page - Raltron Electronics Corporation CMC30328CVD18S Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ultra Performance
MEMS Oscillator Page 3 of 6
CMC303-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Table 3. Rise/Fall Time vs. CLoad ( CL ), Vs=2.8V
Table 4. Rise/Fall Time vs. CLoad ( CL ), Vs=3.3V
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10%
to 90%
(ns)
typ.
D0
0.29
0.54
1.13
1.55
2.13
D1
0.30
0.56
1.22
1.63
2.22
D2
0.30
0.57
1.31
1.72
2.30
D3
0.31
0.60
1.39
1.80
2.43
D4
0.32
0.63
1.46
1.89
2.57
D5
0.33
0.67
1.54
2.00
2.75
D6
0.35
0.78
1.63
2.15
2.92
D7
0.37
0.96
1.72
2.33
3.15
D8,
default
0.41
1.08
1.84
2.52
3.36
D9
0.62
1.19
1.99
2.76
3.68
D10
0.87
1.29
2.21
3.03
4.05
D11
0.90
1.38
2.48
3.40
4.50
D12
0.94
1.51
2.78
3.84
5.06
D13
1.00
1.79
3.20
4.43
5.77
D14
1.19
2.14
3.76
5.21
6.72
D15
1.59
2.57
4.54
6.27
8.07
D16
2.00
3.25
5.66
7.84
10.11
D17
2.68
4.40
7.53
10.29
13.37
D18
4.06
6.66
11.04
15.31
19.80
D19
7.93
12.69
17.94
30.10
38.89
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10%
to 90%
(ns)
typ.
D0
0.29
0.52
0.95
1.41
1.90
D1
0.30
0.54
1.02
1.47
1.97
D2
0.30
0.55
1.12
1.54
2.07
D3
0.30
0.56
1.22
1.62
2.17
D4
0.32
0.58
1.31
1.69
2.28
D5
0.32
0.60
1.40
1.79
2.43
D6
0.33
0.63
1.48
1.89
2.61
D7
0.34
0.70
1.56
2.04
2.80
D8
0.36
0.87
1.66
2.23
3.03
D9
0.38
1.04
1.77
2.47
3.31
D10,
default
0.48
1.15
1.95
2.72
3.65
D11
0.86
1.25
2.21
3.03
4.07
D12
0.90
1.36
2.50
3.46
4.58
D13
0.94
1.51
2.86
3.97
5.25
D14
1.01
1.91
3.38
4.69
6.14
D15
1.43
2.26
4.09
5.66
7.34
D16
1.65
2.92
5.12
7.10
9.17
D17
2.31
3.95
6.88
9.42
12.24
D18
3.61
6.02
10.19
13.98
18.10
D19
7.18
11.59
17.24
27.57
35.57


Similar Part No. - CMC30328CVD18S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC3030AUD0E RALTRON-CMC3030AUD0E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC3030AUD0N RALTRON-CMC3030AUD0N Datasheet
718Kb / 6P
   Low Power Oscillator
CMC3030AUD0S RALTRON-CMC3030AUD0S Datasheet
718Kb / 6P
   Low Power Oscillator
CMC3030AUD1E RALTRON-CMC3030AUD1E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC3030AUD1N RALTRON-CMC3030AUD1N Datasheet
718Kb / 6P
   Low Power Oscillator
More results

Similar Description - CMC30328CVD18S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC253 RALTRON-CMC253 Datasheet
735Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC254 RALTRON-CMC254 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC304 RALTRON-CMC304 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC503 RALTRON-CMC503 Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com