Electronic Components Datasheet Search |
|
CMC50225DUD16S Datasheet(PDF) 1 Page - Raltron Electronics Corporation |
|
CMC50225DUD16S Datasheet(HTML) 1 Page - Raltron Electronics Corporation |
1 / 6 page Ultra Performance MEMS Oscillator Page 1 of 6 CMC503-SERIES R A L T R O N E L E C T R O N I C S 1 0 4 0 0 N .W . 3 3 rd S t M i a m i , F l o r i d a 3 3 1 7 2 U . S . A . phone: +1-305-593-6033 fax: +1-305-594-3973 e-mail: sales@raltron.com internet: http://www.raltron.com ■ Ultra low phase jitter: 0.5ps ( 12 kHz to 20MHz ) ■ LVCMOS/ LVTTL compatible output ■ SMD package 5.0 x 3.2 mm PARAMETER SYMBOL CONDITION VALUE UNIT Min. Typ. Max. Frequency Range f0 Any Frequency between Frequency range, accurate to 6 decimal places 1 80 MHz Supply Voltage Vs Supply voltages between 2.5V and 3.3V can be supported in increments of 0.1V 1.71 2.25 2.52 2.97 1.8 2.5 2.8 3.3 1.89 2.75 3.08 3.63 V V V V Supply Current Is Vs = 1.8V, f0=20MHz, no load condition Vs = 2.5V,2.8V and 3.3V f0=20MHz, no load condition 29 31 31 33 mA mA Operating Temperature Ta Extended Commercial Industrial -20 -40 +70 +85 C °C Frequency Stability Δf/f0 Including First Year aging, initial frequency tolerance at 25°C, Frequency stability over temperature range, supply variation, load variation -10 -20 -25 -50 +10 +20 +25 +50 ppm ppm ppm ppm Long term stability, aging Δf/Δty Δf/Δty First year 10 years -1.5 -5.0 1.5 5.0 ppm ppm Enable / Disable Time T E/D f0=80MHz, for other frequencies, T E/D =100ns+ 3 cycles 150 ms Enable / Disable Current I E/D Vs=1.8V, E/D =GND, output is weakly pulled down Vs=2.5V,2.8Vor 3.3V, E/D =GND output is weakly pulled down 30 31 mA mA Standby Current Istby STBY=GND,Vs=1.8V STBY=GND,Vs=2.5V,2.8V or 3.3V Output is weakly pulled down 10 70 Startup Time T ST Measured from the time Vs reaches its rated minimum value 7 10 ms Resume Time T res Measured from the time STBY pin crosses 50% threshold 6 10 ms Rise/ Fall Time Tr / Tf CL = 15pF, 10% - 90% Vs 1.5 2.0 ns RMS Phase Jitter J PH f0=10MHz,BW 12KHz to 20MHz 0.5 1.0 ps RMS Period Jitter J P f0=75 MHz,Vs=2.5V,2.8V or 3.3V f0=75 MHz, Vs=1.8V 1.5 2.0 2.0 3.0 ps ps Input Voltage High VIH Pin 1, E/D or STBY 70% Vs Input Voltage Low VIL Pin 1, E/D or STBY 30% Vs Input pull-up impedance Z in Pin 1 E/D High or Low, STBY= High STBY = Low 2 100 250 kΩ MΩ ELECTRICAL SPECIFICATIONS |
Similar Part No. - CMC50225DUD16S |
|
Similar Description - CMC50225DUD16S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |