Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR24B06X Datasheet(PDF) 7 Page - Crydom Inc.,

Part # DR24B06X
Description  Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR24B06X Datasheet(HTML) 7 Page - Crydom Inc.,

  DR24B06X Datasheet HTML 1Page - Crydom Inc., DR24B06X Datasheet HTML 2Page - Crydom Inc., DR24B06X Datasheet HTML 3Page - Crydom Inc., DR24B06X Datasheet HTML 4Page - Crydom Inc., DR24B06X Datasheet HTML 5Page - Crydom Inc., DR24B06X Datasheet HTML 6Page - Crydom Inc., DR24B06X Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
ANNEX - ENVIROMENTAL INFORMATION
The environmental information disclosed in this annex including the EIP Pollution logo are in compliance with People’s Republic of China
Electronic Industry Standard SJ/T11364 – 2006, Marking for Control of Pollution Caused by Electronic Information Products.
Part
Name
Toxic or hazardous Substance and Elements
Lead
Mercury
Cadmium
Hexavalent
Polybrominated
Polybrominated
(Pb)
(Hg)
(Cd)
Chromium
(Cr (VI))
biphenyls
(PBB)
diphenyl ethers
(PBDE)
Semiconductor die
Solder
附件 - 环保信息
此附件所标示的包括电子信息产品污染图标的环保信息符合中华人民共和国电子行业标准 SJ/T11364 - 2006,
电子信息产品污染控制标识要求。
有毒有害物质或元素
名称
六价铬
多溴联苯
多溴二苯醚
(Pb)
(Hg)
(Cd)
(Cr (VI))
(PBB)
(PBDE)
半导体芯片
焊接点
50


Similar Part No. - DR24B06X

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24B06X CRYDOM-DR24B06X Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
DR24B06XR CRYDOM-DR24B06XR Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
DR24B06XR CRYDOM-DR24B06XR Datasheet
926Kb / 7P
   DIN Rail Mount
More results

Similar Description - DR24B06X

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
logo
WAGO Kontakttechnik Gmb...
2042-3064 WAGO-2042-3064 Datasheet
363Kb / 7P
   Relay module; Nominal input voltage: 24 VDC; 1 break and 1 make contact;
logo
Fuji Electric
1MBH15D-060 FUJI-1MBH15D-060 Datasheet
358Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH05D-120 FUJI-1MBH05D-120 Datasheet
361Kb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH10D-120 FUJI-1MBH10D-120 Datasheet
4Mb / 14P
   Ratings and characteristics of Fuji IGBT?
1MBH50D-060S FUJI-1MBH50D-060S Datasheet
3Mb / 13P
   Ratings and characteristics of Fuji IGBT
logo
Crydom Inc.,
HDC100D120 CRYDOM-HDC100D120 Datasheet
733Kb / 6P
   Ratings of 120A and 160A @ 72VDC
logo
Fuji Electric
1MBH05D-060 FUJI-1MBH05D-060 Datasheet
373Kb / 13P
   Ratings and characteristics of Fuji IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com