Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39425-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39425-24
Description  SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39425-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39425-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39425-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39425-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR402FL
Temperature
Temperature Operating Range, deg C
-55 to +125
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.139 [3.53]
.
Weight, lbs [g]
0.027 [12.25]
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
1.57 [39.88]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
NoofShields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
SMA Male Right Angle
Configuration
RightAngle
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-
SR402FL Coax, RoHS PE39425-24
URL:
http://www.pasternack.com/sma-male-sma-male-pe-sr402fl-cable-assembly-pe39425-24-p.aspx
PE39425-24 REV
PE39425-24
SMA Male to SMA Male Right Angle Semi-Flexible Precision
Cable 24 Inch Length Using PE-SR402FL Coax, RoHS


Similar Part No. - PE39425-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39425-12 PASTERNACK-PE39425-12 Datasheet
336Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-18 PASTERNACK-PE39425-18 Datasheet
337Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-6 PASTERNACK-PE39425-6 Datasheet
337Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-9 PASTERNACK-PE39425-9 Datasheet
336Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results

Similar Description - PE39425-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39424-24 PASTERNACK-PE39424-24 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39425 PASTERNACK-PE39425 Datasheet
335Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39425-6 PASTERNACK-PE39425-6 Datasheet
337Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-12 PASTERNACK-PE39425-12 Datasheet
336Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-9 PASTERNACK-PE39425-9 Datasheet
336Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39425-18 PASTERNACK-PE39425-18 Datasheet
337Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39426-24 PASTERNACK-PE39426-24 Datasheet
335Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39423 PASTERNACK-PE39423 Datasheet
336Kb / 4P
   SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39424-6 PASTERNACK-PE39424-6 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-18 PASTERNACK-PE39424-18 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com