Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3021 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MOC3021
Description  6-Pin DIP Random-phase Optoisolators Triac Driver Output
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MOC3021 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
6-Pin DIP Random-Phase
Optoisolators Triac Driver Output
(400 Volts Peak)
The MOC3020 Series consists of gallium arsenide infrared emitting diodes,
optically coupled to a silicon bilateral switch.
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
They are designed for applications requiring isolated triac triggering.
Recommended for 115/240 Vac(rms) Applications:
• Solenoid/Valve Controls
Static ac Power Switch
• Lamp Ballasts
Solid State Relays
• Interfacing Microprocessors to 115 Vac Peripherals
Incandescent Lamp Dimmers
• Motor Controls
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INFRARED EMITTING DIODE
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
Total Power Dissipation @ TA = 25°C
Negligible Power in Triac Driver
Derate above 25
°C
PD
100
1.33
mW
mW/
°C
OUTPUT DRIVER
Off–State Output Terminal Voltage
VDRM
400
Volts
Peak Repetitive Surge Current
(PW = 1 ms, 120 pps)
ITSM
1
A
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
300
4
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 Second Duration)
VISO
7500
Vac(pk)
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
330
4.4
mW
mW/
°C
Junction Temperature Range
TJ
– 40 to +100
°C
Ambient Operating Temperature Range
TA
– 40 to +85
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
GlobalOptoisolator
MOC3021
MOC3022
MOC3023
SCHEMATIC
STANDARD THRU HOLE
1. ANODE
2. CATHODE
3. NC
4. MAIN TERMINAL
5. SUBSTRATE
5. DO NOT CONNECT
6. MAIN TERMINAL
1
2
3
6
5
4
6
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn