Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3021 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. MOC3021
Description  6-Pin DIP Random-phase Optoisolators Triac Driver Output
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3021 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MOC3021 Datasheet HTML 1Page - Fairchild Semiconductor MOC3021 Datasheet HTML 2Page - Fairchild Semiconductor MOC3021 Datasheet HTML 3Page - Fairchild Semiconductor MOC3021 Datasheet HTML 4Page - Fairchild Semiconductor MOC3021 Datasheet HTML 5Page - Fairchild Semiconductor MOC3021 Datasheet HTML 6Page - Fairchild Semiconductor MOC3021 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
0.4" LEAD SPACING
6
4
1
3
–A–
–B–
N
C
K
G
F 4 PL
SEATING
D 6 PL
E 6 PL
PLANE
–T–
M
A
M
0.13 (0.005)
B M
T
L
J
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.320
0.350
8.13
8.89
B
0.240
0.260
6.10
6.60
C
0.115
0.200
2.93
5.08
D
0.016
0.020
0.41
0.50
E
0.040
0.070
1.02
1.77
F
0.010
0.014
0.25
0.36
G
0.100 BSC
2.54 BSC
J
0.008
0.012
0.21
0.30
K
0.100
0.150
2.54
3.81
L
0.400
0.425
10.16
10.80
N
0.015
0.040
0.38
1.02
MOC3021, MOC3022, MOC3023


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn