Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8552 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8552
Description  High-Speed, Wide-Input, Single-Phase MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8552 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8552 Datasheet HTML 1Page - Maxim Integrated Products MAX8552 Datasheet HTML 2Page - Maxim Integrated Products MAX8552 Datasheet HTML 3Page - Maxim Integrated Products MAX8552 Datasheet HTML 4Page - Maxim Integrated Products MAX8552 Datasheet HTML 5Page - Maxim Integrated Products MAX8552 Datasheet HTML 6Page - Maxim Integrated Products MAX8552 Datasheet HTML 7Page - Maxim Integrated Products MAX8552 Datasheet HTML 8Page - Maxim Integrated Products MAX8552 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX8552 highly integrated monolithic MOSFET dri-
ver is capable of driving a pair of power MOSFETs in
single or multiphase synchronous buck-converter appli-
cations that provide up to 30A output current per
phase. The MAX8552 simplifies PC board layout in mul-
tiphase systems, particularly three phases and higher.
High input voltages up to 24V allow the MAX8552 to be
used in desktop, notebook, and server applications.
Each MOSFET driver is capable of driving 3000pF
capacitive loads with only 12ns propagation delay and
11ns (typ) rise and fall times, making the MAX8552
ideal for high-frequency applications.
User-programmable break-before-make circuitry pre-
vents shoot-through currents, maximizing converter effi-
ciency. An enable input allows total driver shutdown
(<1µA typ) for power-sensitive portable applications.
The PWM control input is compatible with TTL and
CMOS logic levels. The MAX8552, along with the
MAX8524 or the MAX8525 multiphase controllers, pro-
vides flexible 2-, 3-, 4-, 6-, or 8-phase CPU core-voltage
supplies.
The MAX8552 is available in space-saving 10-pin TDFN
and µMAX packages and is specified for -40
°C to
+85
°C operation.
Applications
Multiphase Buck Converters
Voltage Regulator Modules (VRMs)
Processor-Core Voltage Regulators
Desktops, Notebooks, and Servers
Switching Power Supplies
Features
o Single-Phase Synchronous Drivers
o Up to 24V (max) Input Voltage
o 0.1µA (typ) Quiescent Current in Shutdown Over
Temperature
o 0.5Ω/1.0Ω/0.7Ω/1.3Ω ROUT Drivers
o 12ns (typ) Propagation Delay
o 11ns (typ) Rise/Fall Times with 3000pF Load
o Adaptive Dead Time and User-Programmable
Delay Mode
o Up to 2MHz Operation with TDFN Package
o Up to 1.2MHz Operation with µMAX Package
o Enable Function
o TTL- and CMOS-Compatible Logic Inputs
o Available in a Space-Saving Thin DFN Package
High-Speed, Wide-Input,
Single-Phase MOSFET Driver
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
VCC
GND
OFF
ON
DLY
PWM
BST
DH
LX
DL
PGND
MAX8552
EN
VIN
6V TO 24V
VOUT
1.45V AT 20A
VCC
4.5V TO 6.5V
PWM CONTROL
SIGNAL
Typical Operating Circuit
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
19-2997; Rev 0; 10/03
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8552EUB
-40°C to +85°C
10 µMAX
MAX8552ETB
-40°C to +85°C
10 TDFN
3mm x 3mm
Pin Configurations appear at end of data sheet.
m
m x 3.0
-PI
N TD


Similar Part No. - MAX8552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550-MAX8551 MAXIM-MAX8550-MAX8551 Datasheet
454Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 2; 9/04
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
MAX8550A MAXIM-MAX8550A Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 11/04
MAX8550AETI MAXIM-MAX8550AETI Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
More results

Similar Description - MAX8552

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com