Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA3090-0000-000Q0U0A31Q Datasheet(PDF) 3 Page - Cree, Inc

Part # CMA3090-0000-000Q0U0A31Q
Description  Cree XLamp CMA3090 LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA3090-0000-000Q0U0A31Q Datasheet(HTML) 3 Page - Cree, Inc

  CMA3090-0000-000Q0U0A31Q Datasheet HTML 1Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 2Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 3Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 4Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 5Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 6Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 7Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 8Page - Cree, Inc CMA3090-0000-000Q0U0A31Q Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Cma3090 LED
oPErAting LiMits
The maximum current rating of the CMA3090 depends on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady-state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Either solder pad shown in the Mechanical
Dimensions section on page 18 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 19 for more
information on LeS temperature measurement.
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
0
25
50
75
100
125
150
Case Temperature (°C)
48 V
85 °C, 3600 mA
125 °C, 1385 mA
CMA3090
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
0
25
50
75
100
125
150
Case Temperature (°C)
72 V
85 °C, 2400 mA
125 °C, 923 mA


Similar Part No. - CMA3090-0000-000Q0U0A31Q

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000 VTI-CMA3000 Datasheet
1Mb / 18P
   3-axis accelerometer
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
   3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
CMA3000-A01-1 VTI-CMA3000-A01-1 Datasheet
437Kb / 17P
   3-axis accelerometer
CMA3000-A01-10 VTI-CMA3000-A01-10 Datasheet
437Kb / 17P
   3-axis accelerometer
CMA3000-A01-30 VTI-CMA3000-A01-30 Datasheet
437Kb / 17P
   3-axis accelerometer
More results

Similar Description - CMA3090-0000-000Q0U0A31Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com