Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-7.0-800480FT-CTXL-T Datasheet(PDF) 1 Page - Newhaven Display International, Inc.

Part # NHD-7.0-800480FT-CTXL-T
Description  7.0" EVE2 TFT Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-7.0-800480FT-CTXL-T Datasheet(HTML) 1 Page - Newhaven Display International, Inc.

  NHD-7.0-800480FT-CTXL-T Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-7.0-800480FT-CTXL-T Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NHD-7.0-800480FT-CTXL-T
7.0” EVE2 TFT Module (SPI) – Supports: Display | Touch | Audio
NHD-
Newhaven Display
7.0-
7.0” Diagonal
800480-
800xRGBx480 Pixels
FT-
Model
C-
On-board Controller
T-
White LED Backlight
X-
TFT
L-
12:00 Optimal View, Wide Temperature
T-
Resistive Touch Panel
Newhaven Display International, Inc.
2661 Galvin Ct.
Elgin IL, 60124
Ph: 847-844-8795
Fax: 847-844-8796
www.newhavendisplay.com
nhtech@newhavendisplay.com
nhsales@newhavendisplay.com


Similar Part No. - NHD-7.0-800480FT-CTXL-T

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-800480FT-CTXL-CTP NEWHAVEN-NHD-7.0-800480FT-CTXL-CTP Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com