Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-7.0C-FT813 Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # NHD-7.0C-FT813
Description  7.0" EVE2 TFT Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-7.0C-FT813 Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

Back Button NHD-7.0C-FT813 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-7.0C-FT813 Datasheet HTML 10Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
[6]
Electrical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Temperature Range
TOP
Absolute Max
-20
-
+70
⁰C
Storage Temperature Range
TST
Absolute Max
-30
-
+80
⁰C
Supply Voltage
VDD
-
3.0
3.3
3.6
V
Supply Current
IDD
VDD = 3.3V
-
100
-
mA
“H” Level Input
VIH
-
2.0
-
-
V
“L” Level Input
VIL
-
-
-
0.8
V
“H” Level Output
VOH
-
VDD-0.4
-
-
V
“L” Level Output
VOL
-
-
-
0.4
V
Supply Voltage for LED Backlight Driver
VBL
-
2.8
3.3
5.5
V
Supply Current for LED Backlight Driver
IBL
VBL = 3.3V
-
760
-
mA
IBL
VBL = 5.0V
-
440
-
mA
Backlight PWM Frequency
fPWM
-
250
-
1000
Hz
Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Optimal
Viewing
Angles
Top
ϕY+
CR ≥ 10
-
60
-
Bottom
ϕY-
-
50
-
Left
θX-
-
60
-
Right
θX+
-
60
-
Contrast Ratio
CR
-
-
400
-
-
Luminance
LV
-
660
830
-
cd/m2
Response Time
Rise + Fall
TR + TF
TOP = 25°C
-
25
35
ms
Capacitive Touch Panel Material Characteristics
Property
Value
Unit
IC
FT5406EE8
-
ITO Glass thickness
0.55
mm
Cover Lens Thickness
0.70
mm
Surface Hardness
≥6
H
Light transmission
≥83%
-
Operating Humidity
20~90
RH
Storage Humidity
20~90
RH
Backlight Driver Configuration
The Backlight Driver Enable signal is connected to the FT81x backlight control pin. This signal is controlled by two
registers: REG_PWM_HZ and REG_PWM_DUTY. REG_PWM_HZ specifies the PWM output frequency – the range
available on the FT81x is 250 to 10000Hz, however the on-board backlight driver’s max PWM frequency is 1000Hz.
Therefore, for proper use of the PWM function available on this module, the PWM frequency should not exceed 1000Hz.
REG_PWM_DUTY specifies the duty cycle – the range is 0 to 128. A value of 0 turns the backlight completely off, while a
value of 128 provides maximum backlight brightness.
For the above register definitions, please refer to pages 80-81 of the official FT81x Series Programmers Guide:
http://www.ftdichip.com/Support/Documents/ProgramGuides/FT81X_Series_Programmer_Guide.pdf


Similar Part No. - NHD-7.0C-FT813

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0C-FT813 NEWHAVEN-NHD-7.0C-FT813 Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0C-FT813 NEWHAVEN-NHD-7.0C-FT813 Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com