Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA1825-0000-000N0Z0A27H Datasheet(PDF) 2 Page - Cree, Inc

Part # CMA1825-0000-000N0Z0A27H
Description  Cree XLamp CMA1825 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1825-0000-000N0Z0A27H Datasheet(HTML) 2 Page - Cree, Inc

  CMA1825-0000-000N0Z0A27H Datasheet HTML 1Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 2Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 3Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 4Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 5Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 6Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 7Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 8Page - Cree, Inc CMA1825-0000-000N0Z0A27H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® Cma1825 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
viewing angle (FWHM)
degrees
115
eSD withstand voltage (JeDeC JS-001-2012)
v
Class 3A
DC forward current
mA
1600*
Reverse current
mA
0.1
Forward voltage (@ 700 mA, 85 °C)
v
34.6
38.1
*
Refer to the Operating Limits section.
oPErAting LiMits
The maximum current rating of the CMA1825 depends on the case temperature (Tc) when the LeD has reached thermal equilibrium
under steady-state operation. The graph shown below assumes that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. either solder pad shown in the Mechanical
Dimensions section on page 13 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light emitting Surface (LeS). Cree recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 14 for more
information on LeS temperature measurement.
CMA1825
0
200
400
600
800
1000
1200
1400
1600
1800
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 1600 mA
125 °C, 615 mA


Similar Part No. - CMA1825-0000-000N0Z0A27H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA1840-0000-000N0B0A30E CREE-CMA1840-0000-000N0B0A30E Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA1840-0000-000N0B0A40E CREE-CMA1840-0000-000N0B0A40E Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA1840-0000-000N0B0A50E CREE-CMA1840-0000-000N0B0A50E Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA1840-0000-000N0B0A57E CREE-CMA1840-0000-000N0B0A57E Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
More results

Similar Description - CMA1825-0000-000N0Z0A27H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com