Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA1516-0000-000N0H0AL7B Datasheet(PDF) 8 Page - Cree, Inc

Part # CMA1516-0000-000N0H0AL7B
Description  Cree XLamp CMA1516 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1516-0000-000N0H0AL7B Datasheet(HTML) 8 Page - Cree, Inc

Back Button CMA1516-0000-000N0H0AL7B Datasheet HTML 4Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 5Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 6Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 7Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 8Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 9Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 10Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 11Page - Cree, Inc CMA1516-0000-000N0H0AL7B Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Cma1516 LED
PrEMiuM CoLor PErForMAnCE grouPs - ChroMAtiCity (t
J = 85 °C)
XLamp CMA1516 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
Fidelity
EasyWhite Color temperatures – 2-step
Code
CCt
x
y
L5A
4000 K
0.3764
0.3711
0.3784
0.3787
0.3847
0.3826
0.3825
0.3748
35H
3500 K
0.4022
0.3858
0.4053
0.3942
0.4125
0.3977
0.4091
0.3891
30H
3000 K
0.4287
0.3975
0.4328
0.4064
0.4390
0.4086
0.4347
0.3996
27H
2700 K
0.4524
0.4048
0.4574
0.4140
0.4633
0.4154
0.4581
0.4062
specialty
EasyWhite Color temperatures – 2-step
Code
CCt
x
y
L7B
3000 K
0.4263
0.3848
0.4296
0.3916
0.4361
0.3938
0.4326
0.3868
L7C
3000 K
0.4192
0.3754
0.4224
0.3823
0.4291
0.3847
0.4257
0.3777
EasyWhite Color temperatures – 3-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
31Q
3100 K
0.4236
0.3888
0.00848
0.00455
50.3
30Q
3000 K
0.4305
0.3935
0.00834
0.00408
53.2
30U
3000 K
0.4274
0.3837
0.00834
0.00408
53.2


Similar Part No. - CMA1516-0000-000N0H0AL7B

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A30E CREELED-CMA1303-0000-000C0B0A30E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A40E CREELED-CMA1303-0000-000C0B0A40E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A50E CREELED-CMA1303-0000-000C0B0A50E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A57E CREELED-CMA1303-0000-000C0B0A57E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
More results

Similar Description - CMA1516-0000-000N0H0AL7B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com