Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA2550-0000-000N0U0A27G Datasheet(PDF) 2 Page - Cree, Inc

Part # CMA2550-0000-000N0U0A27G
Description  Cree XLamp CMA2550 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA2550-0000-000N0U0A27G Datasheet(HTML) 2 Page - Cree, Inc

  CMA2550-0000-000N0U0A27G Datasheet HTML 1Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 2Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 3Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 4Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 5Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 6Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 7Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 8Page - Cree, Inc CMA2550-0000-000N0U0A27G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® Cma2550 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
viewing angle (FWHM)
degrees
115
eSD withstand voltage (JeDeC JS-001-2012)
v
Class 3A
DC forward current
mA
3300*
Reverse current
mA
0.1
Forward voltage (@ 1400 mA, T
j = 85 °C)
v
34.0
37.4
*
Refer to the Operating Limits section.
oPErAting LiMits
The maximum current rating of the CMA2550 depends on the case temperature (Tc) when the LeD has reached thermal equilibrium
under steady-state operation. The graph shown below assumes that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. either solder pad shown in the Mechanical
Dimensions section on page 13 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light emitting Surface (LeS). Cree recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 14 for more
information on LeS temperature measurement.
CMA2550
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 3300 mA
125 °C, 1269 mA


Similar Part No. - CMA2550-0000-000N0U0A27G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CMA20E1600PB IXYS-CMA20E1600PB Datasheet
170Kb / 5P
   Single Thyristor
CMA20E1600PZ IXYS-CMA20E1600PZ Datasheet
451Kb / 5P
   Single Thyristor
logo
Crydom Inc.,
CMA24110 CRYDOM-CMA24110 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMA24110 CRYDOM-CMA24110 Datasheet
580Kb / 5P
   Panel Mount
CMA24110E CRYDOM-CMA24110E Datasheet
580Kb / 5P
   Panel Mount
More results

Similar Description - CMA2550-0000-000N0U0A27G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com